Electronic Components Datasheet Search
  English  ▼

X  

TPS54KB21 Datasheet(PDF) 24 Page - Texas Instruments

Part # TPS54KB21
Description  TPS54KB2x 4-V to 16-V Input, 25-A, Remote Sense, D-CAP4 Synchronous Buck Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54KB21 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TPS54KB21 Datasheet HTML 20Page - Texas Instruments TPS54KB21 Datasheet HTML 21Page - Texas Instruments TPS54KB21 Datasheet HTML 22Page - Texas Instruments TPS54KB21 Datasheet HTML 23Page - Texas Instruments TPS54KB21 Datasheet HTML 24Page - Texas Instruments TPS54KB21 Datasheet HTML 25Page - Texas Instruments TPS54KB21 Datasheet HTML 26Page - Texas Instruments TPS54KB21 Datasheet HTML 27Page - Texas Instruments TPS54KB21 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
8.2.2.7 Soft-Start Capacitor (SS Pin)
The capacitor placed on the SS pin can be used to extend the soft start time past the internal TBD-ms soft
start. This example uses a TBD-ms soft start time and the required external capacitance can be calculated with
Equation 27. In this example a TBD-nF capacitor is used.
TBD
(27)
A minimum capacitor value of TBD nF is required at the SS pin. The SS capacitor must use the AGND pin for its
ground.
8.2.2.8 EN Pin Resistor Divider
A resistor divider on the EN pin can be used to increase the input voltage the converter begins its start-up
sequence. To set the start voltage, first select the bottom resistor (REN_B). The recommended value is between 1
kΩ and 100 kΩ. There is an internal pulldown resistance with a nominal value of 1 MΩ and this must be included
for the most accurate calculations. This is especially important when the bottom resistor is a higher value, near
100 kΩ. This example uses a 100-kΩ resistor and this combined with the internal resistance in parallel results in
an equivalent bottom resistance of 90.9 kΩ. The top resistor value for the target start voltage is calculated with
Equation 28. In this example, the nearest standard value of 453 kΩ is selected for REN_T. When selecting a start
voltage in a wide input range application, be cautious that the EN pin absolute maximum voltage of 6 V is not
exceeded.
TBD
(28)
The start and stop voltages with the selected EN resistor divider can be calculated with Equation 29 and
Equation 30.
TBD
(29)
TBD
(30)
8.2.2.9 VCC Bypass Capacitor
At a minimum, a 1.0-µF, at least 6.3-V rating, X5R ceramic bypass capacitor is needed on VCC pin located as
close to the pin as the layout allows. Use the smallest sized capacitor possible, such as an 0402 package, to
minimize the loop from the VCC pin to the PGND pin.
8.2.2.10 BOOT Capacitor
At a minimum, a 0.1-µF 10-V X5R ceramic bypass capacitor is needed between the BOOT and SW pins located
as close to the pin as the layout allows.
8.2.2.11 Series BOOT Resistor and RC Snubber
An RC snubber on the SW pin can also help reduce voltage overshoot and ringing at the SW pin. For the RC
snubber to be as effective as possible with the symmetrical pinout, place the RC snubber on the opposite side
of the board from the IC with multiple vias in the SW node to minimize routing impedance and with a very low
impedance return to PGND pins.
8.2.2.12 PG Pullup Resistor
The PG pin is open-drain, so a pullup resistor is required when using this pin. The recommended value is
between 1 kΩ and 100 kΩ.
8.3 Power Supply Recommendations
The device is designed to operate from an input voltage supply range between 4 V and 16 V. Both input supplies
(VIN and VCC bias) must be well regulated. Proper bypassing of input supplies (VIN and VCC bias) is also
critical for noise performance, as are PCB layout and grounding scheme. See the recommendations in Layout.
TPS54KB20
SLVSGP3 – MAY 2023
www.ti.com
24
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS54KB20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com