Electronic Components Datasheet Search
  English  ▼

X  

TPS54KB21 Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS54KB21
Description  TPS54KB2x 4-V to 16-V Input, 25-A, Remote Sense, D-CAP4 Synchronous Buck Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54KB21 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS54KB21 Datasheet HTML 17Page - Texas Instruments TPS54KB21 Datasheet HTML 18Page - Texas Instruments TPS54KB21 Datasheet HTML 19Page - Texas Instruments TPS54KB21 Datasheet HTML 20Page - Texas Instruments TPS54KB21 Datasheet HTML 21Page - Texas Instruments TPS54KB21 Datasheet HTML 22Page - Texas Instruments TPS54KB21 Datasheet HTML 23Page - Texas Instruments TPS54KB21 Datasheet HTML 24Page - Texas Instruments TPS54KB21 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
8.2.1 Design Requirements
This design uses the parameters listed in Table 8-1.
Table 8-1. Design Example Specifications
DESIGN PARAMETER
CONDITION
MIN
TYP
MAX
UNIT
VIN
Voltage range
8
12
16
V
VOUT
Output voltage
3.3
V
ILOAD
Output load current
25
A
VRIPPLE
Output voltage ripple
VIN = 12 V, IOUT = 12 A
26
mVPP
V TRANS
Output voltage undershoot and
overshoot after load step
IOUT = 5 A to 15 A step, 1 A/µs slew rate
17
mV
IOVER
Output overcurrent
27.5
A
tSS
Soft-start time
0.55
ms
fSW
Switching frequency
1.4
MHz
Light load operating mode
Skip-
mode
TA
Operating temperature
25
°C
8.2.2 Detailed Design Procedure
The external component selection is a simple process using D-CAP4 mode. Select the external components
using the following steps.
8.2.2.1 Output Voltage Setting Point
The output voltage is programmed by the voltage-divider resistors, R1 and R2, shown in Equation 7. Connect R1
between the FB pin and the output, and connect R2 between the FB pin and GOSNS. The recommended R2
value is 10 kΩ, but it can also be set to another value between the range of 1 kΩ to 20 kΩ. Determine R1 for the
TPS54KB20 by using Equation 7.
§
·
§
·
u
: u
:
¨
¸
¨
¸
©
¹
©
¹
OUT
REF
1
2
REF
V
V
3.3 V
0.9 V
R
R
10 k
26.7 k
V
0.9 V
(7)
8.2.2.2 Choose the Switching Frequency, the Operation Mode, and the Compensation Ramp
The switching frequency and operation mode are configured by the resistor on MSEL pin. Select one of three
switching frequencies: 800 kHz, 1.1 MHz, or 1.4 MHz. Refer to Table 7-1 for the relationship between the
switching frequency, operation mode, compensation ramp and, RMSEL.
Switching frequency selection is a tradeoff between higher efficiency and smaller system solution size. Lower
switching frequency yields higher overall efficiency but relatively bigger external components. Higher switching
frequencies cause additional switching losses which impact efficiency and thermal performance. For this design,
connect MSEL pin to AGND using a 178-kΩ resistor to set the switching frequency to 1.4 MHz, and set the light
load operating mode as Skip-mode (DCM) and the compensation RAMP4.
When selecting the switching frequency of a buck converter, the minimum on-time and minimum off-time must
be considered. Equation 8 calculates the maximum fSW before being limited by the minimum on-time. When
hitting the minimum on-time limits of a converter with D-CAP4 control, the effective switching frequency changes
to keep the output voltage regulated. This calculation ignores resistive drops in the converter to give a worst
case estimation.
TBD
(8)
Equation 9 calculates the maximum fSW before being limited by the minimum off-time. When hitting the minimum
off-time limits of a converter with D-CAP4 control, the operating duty cycle maxes out and the output voltage
begins to drop with the input voltage. This equation requires the DC resistance of the inductor, RDCR, selected in
the following step so this preliminary calculation assumes a resistance of 2.2 mΩ. If operating near the maximum
www.ti.com
TPS54KB20
SLVSGP3 – MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TPS54KB20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com