Electronic Components Datasheet Search
  English  ▼

X  

TPS54KB21 Datasheet(PDF) 12 Page - Texas Instruments

Part # TPS54KB21
Description  TPS54KB2x 4-V to 16-V Input, 25-A, Remote Sense, D-CAP4 Synchronous Buck Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54KB21 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS54KB21 Datasheet HTML 8Page - Texas Instruments TPS54KB21 Datasheet HTML 9Page - Texas Instruments TPS54KB21 Datasheet HTML 10Page - Texas Instruments TPS54KB21 Datasheet HTML 11Page - Texas Instruments TPS54KB21 Datasheet HTML 12Page - Texas Instruments TPS54KB21 Datasheet HTML 13Page - Texas Instruments TPS54KB21 Datasheet HTML 14Page - Texas Instruments TPS54KB21 Datasheet HTML 15Page - Texas Instruments TPS54KB21 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
To improve the overall VOUT accuracy, using a ±1% accuracy or better resistor for the FB voltage divider is highly
recommended. Regardless of remote sensing or single-ended sensing, the FB voltage divider, RFB_T and RFB_B,
should be always placed as close as possible to the device.
7.3.6 Remote Sense
The device integrates a remote sense amplifier across the FB and GOSNS pins. The remote sense function
compensates for voltage drop on the PCB traces helping to maintain VOUT accuracy under steady state
operation and load transient events. The VOUT connection of the remote sensing signal must be connected
to the feedback resistor divider with the lower feedback resistor, RFB_LS, terminated at the GOSNS pin.
The FB voltage divider resistors must be kept near the device to minimize the trace length connected to the FB
pin. The connections from the FB voltage divider resistors and the GOSNS pin to the remote location must be a
pair of PCB traces with Kelvin sensing across a bypass capacitor of 0.1 μF or higher. To maintain stable output
voltage and minimize the ripple, the pair of remote sensing lines must stay away from any noise sources such as
inductor and SW nodes, or high frequency clock lines. TI recommends to shield the pair of remote sensing lines
with ground planes above and below.
Single-ended VOUT sensing is often used for local sensing. For this configuration, connect the higher FB resistor,
RFB_HS, to a high-frequency local bypass capacitor of 0.1 μF or higher, and short GOSNS to AGND.
The recommended GOSNS operating range (relative to the AGND pin) is –100 mV to +100 mV.
7.3.7 D-CAP4 Control
The device uses D-CAP4 control to achieve a fast load transient response while maintaining ease-of-use.
The D-CAP4 control architecture includes an internal ripple generation network enabling the use of very low-
ESR output capacitors such as multi-layered ceramic capacitors (MLCC) and low ESR polymer capacitors.
No external current sensing network or voltage compensators are required with D-CAP4 control architecture.
The role of the internal ripple generation network is to emulate the ripple component of the inductor current
information and then combine it with the voltage feedback signal to regulate the loop operation.
D-CAP4 control architecture reduces loop gain variation across VOUT, enabling a fast load transient response
across the entire output voltage range with one ramp setting. The R-C time-constant of the internal ramp circuit
sets the zero frequency of the ramp, similar to other R-C based internal ramp generation architectures. The
reduced variation in loop gain also mitigates the need for a feedforward capacitor to optimize the transient
response. The ramp amplitude varies with VIN to minimize variation in loop gain across input voltage, commonly
referred to as input voltage feedforward. Table 7-1 shows how the ramp amplitude and ramp zero are selected
through a resistor at the MSEL pin. Lastly the device uses internal circuitry to correct for the dc offset caused by
the injected ramp, and significantly reduces the dc offset caused by the output ripple voltage, especially with light
load current.
For any control topologies supporting no external compensation there is a minimum range, maximum range, or
both, for the output filter it can support. The output filter used for a typical buck converter is a low-pass L-C
circuit. This L-C filter has double pole that is described in Equation 3.
=
´ p ´
´
P
OUT
OUT
1
f
2
L
C
(3)
At low frequencies, the overall loop gain is set by the output set-point resistor divider network and the internal
gain of the device. The low frequency L-C double pole has a 180-degree drop in phase. At the output filter
frequency, the gain rolls off at a –40 dB per decade rate and the phase drops rapidly. The internal ripple
generation network introduces a high-frequency zero that reduces the gain roll off from –40 dB to –20 dB per
decade and increases the phase by 90 degrees per decade above the zero frequency.
After identifying the application requirements, the output inductance is typically designed so the inductor peak-to-
peak ripple current is approximately between 15% and 40% of the maximum output current in the application.
The inductor and capacitor selected for the output filter must be such that the double pole of Equation 3 is
located no higher than 1/30th of the steady-state operating frequency. Choosing very small output capacitance
TPS54KB20
SLVSGP3 – MAY 2023
www.ti.com
12
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS54KB20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com