Electronic Components Datasheet Search
  English  ▼

X  

TPS54KB21 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS54KB21
Description  TPS54KB2x 4-V to 16-V Input, 25-A, Remote Sense, D-CAP4 Synchronous Buck Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54KB21 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS54KB21 Datasheet HTML 6Page - Texas Instruments TPS54KB21 Datasheet HTML 7Page - Texas Instruments TPS54KB21 Datasheet HTML 8Page - Texas Instruments TPS54KB21 Datasheet HTML 9Page - Texas Instruments TPS54KB21 Datasheet HTML 10Page - Texas Instruments TPS54KB21 Datasheet HTML 11Page - Texas Instruments TPS54KB21 Datasheet HTML 12Page - Texas Instruments TPS54KB21 Datasheet HTML 13Page - Texas Instruments TPS54KB21 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
7.3 Feature Description
7.3.1 Internal VCC LDO And Using External Bias On the VCC Pin
The TPS54KB2x has an internal 3.0-V LDO featuring input from VIN and output to VCC. When the EN voltage
rises above the enable threshold (VEN(R)), the internal LDO is enabled and starts regulating output voltage on the
VCC pin. The VCC voltage provides the bias voltage for the internal analog circuitry and also provides the supply
voltage for the gate drivers.
Bypass the VCC pin with a 1-µF, at least 6.3-V rating ceramic capacitor. An external bias that is above the output
voltage of the internal LDO can override the internal LDO. This enhances the efficiency of the converter because
the VCC current now runs off this external bias instead of the internal linear regulator. An external bias of 5.0
V can be used to provide additional efficiency enhancement by reducing the RDSON of the integrated power
MOSFETs.
The VCC UVLO circuit monitors the VCC pin voltage and disables the whole converter when VCC falls below the
VCC UVLO falling threshold. Maintaining a stable and clean VCC voltage is required for a smooth operation of
the device.
Considerations when using an external bias on the VCC pin are as follows:
• When the external bias is applied on the VCC pin early enough (for example, before EN signal comes in), the
internal LDO pass device is always off and the internal analog circuits will have a stable power supply rail at
their power enable.
• (Not recommended) When the external bias is applied on the VCC pin late (for example, after EN signal
comes in), any power-up and power-down sequencing can be applied as long as there is no excess current
pulled out of the VCC pin. With this sequence, be cautious of external discharge paths on the VCC pin which
can pull a current higher than the current limit of the internal VCC LDO. A load exceeding the current limit of
the internal VCC LDO can potentially pull the VCC voltage low and turn off the VCC LDO through its UVLO,
thereby shutting down the converter output.
• A good power-up sequence is when at least one of VIN UVLO rising threshold or EN rising threshold is
satisfied later than VCC UVLO rising threshold. For example, a practical power-up sequence is: VIN applied
first, then the external bias applied, and then EN signal goes high.
7.3.2 Enable
When the EN pin voltage rises above the enable threshold voltage (VEN(R)) and VIN rises above the VIN UVLO
rising threshold, the device enters its internal power-up sequence. The EN to start of switching delay is specified
in the STARTUP section of the Electrical Characteristics table.
The EN pin has an internal filter to avoid unexpected ON or OFF due to small glitches. The time constant of this
RC filter is 2 µs. For example, when applying 3.3-V voltage source on the EN pin that jumps from 0 V to 3.3
V with an ideal rising edge, the internal EN signal will reach 2.1 V after 2 µs, which is 63.2% of applied 3.3-V
voltage level.
An internal pulldown resistor is implemented between the EN pin and AGND pin. With this pulldown resistor,
floating the EN pin before start-up keeps the device in the disabled state. A resistor divider to the EN pin can
be used to increase the input voltage the device begins its start-up sequence. The internal pulldown resistor
must be accounted for when using an external resistor divider. To reduce impact to the EN rising and falling
threshold, this internal pulldown resistor is 1 MΩ. During nominal operation when the power stage switches, this
large internal pulldown resistor may not have enough noise immunity to hold EN pin low for the device to enter
the disabled state.
The recommended operating condition for the EN pin is a maximum of 5.5 V. Do not connect the EN pin to the
VIN pin directly if VIN can exceed 5.5 V.
TPS54KB20
SLVSGP3 – MAY 2023
www.ti.com
10
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS54KB20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com