Electronic Components Datasheet Search
  English  ▼

X  

TPS54KB21 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS54KB21
Description  TPS54KB2x 4-V to 16-V Input, 25-A, Remote Sense, D-CAP4 Synchronous Buck Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54KB21 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS54KB21 Datasheet HTML 3Page - Texas Instruments TPS54KB21 Datasheet HTML 4Page - Texas Instruments TPS54KB21 Datasheet HTML 5Page - Texas Instruments TPS54KB21 Datasheet HTML 6Page - Texas Instruments TPS54KB21 Datasheet HTML 7Page - Texas Instruments TPS54KB21 Datasheet HTML 8Page - Texas Instruments TPS54KB21 Datasheet HTML 9Page - Texas Instruments TPS54KB21 Datasheet HTML 10Page - Texas Instruments TPS54KB21 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
6.5 Electrical Characteristics (continued)
TJ = –40°C to +125°C, VVCC = 3 V (internal), VVIN = 4 V to 16 V. Typical values are at TJ = 25°C and VVIN = 12 V (unless
otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VUVP
Undervoltage-protection (UVP) threshold
voltage
VFB falling
77%
80%
83%
tUVPDLY
UVP filter delay
70
µs
Hiccup wait time
TPS54KB21 and TPS54KB23
7 x tSS
ms
POWER GOOD
VPGTH(RISE_OV)
Power Good threshold
FB rising, PG high to low
113%
116%
119%
VPGTH(RISE_UV)
Power Good threshold
FB rising, PG low to high
89%
92.5%
95%
VPGTH(FALL_UV)
Power Good threshold
FB falling, PG high to low
77%
80%
83%
PG delay going from low to high during
startup
1.1
1.5
ms
PG delay going from high to low
4
6.2
µs
IPG(LKG)
PG pin leakage current when open drain
output is high
VPG = 4.5 V
5
µA
PG pin output low-level voltage
IPG = 7 mA
500
mV
PG pin output low-level when VIN and VCC
are low
VVIN = 0 V, VVCC = 0 V, VEN = 0 V, PG pulled
up to 3.3 V through a 100-kΩ resistor
850
mV
PG pin output low-level when VIN and VCC
are low
VVIN = 0 V, VVCC = 0 V, VEN = 0 V, PG pulled
up to 3.3 V through a 10-kΩ resistor
1000
mV
THERMAL SHUTDOWN
TJ(SD)
Thermal shutdown threshold
Temperature rising
150
165
°C
TJ(HYS)
Thermal shutdown hysteresis
15
°C
OUTPUT DISCHARGE
Output discharge resistor on SW pin
VIN = 12 V, VSW = 1 V, power conversion
disabled
50
Ω
www.ti.com
TPS54KB20
SLVSGP3 – MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TPS54KB20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com