Electronic Components Datasheet Search
  English  ▼

X  

EB632 Datasheet(PDF) 58 Page - Freescale Semiconductor, Inc

Part # EB632
Description  Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M)
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

EB632 Datasheet(HTML) 58 Page - Freescale Semiconductor, Inc

Back Button EB632 Datasheet HTML 54Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 55Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 56Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 57Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 58Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 59Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 60Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 61Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 62Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 112 page
background image
Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M), Rev. 2
58
Freescale Semiconductor
Errata
QSIU6
EE[4–5] Pins are Sampled on HRESET,SRESET and PORESET
Date Added: 8/31/2000
Description: The EE[4–5] pins should be sampled only on PORESET, but they are sampled on
SRESET and HRESET as well. Changing the value of the EE[4–5] pins after PORESET deasser-
tion might prevent the chip from booting, because their value might choose a different or unde-
fined boot configuration.
Workaround: The EE[4–5] values should be kept constant and equal to the values on PORE-
SET.
0K40A
1K42A
2K42A
QSIU7
Pin IRQ7_INTOUT Not Open Drain
Date Added: 9/6/2000
Description: INOUT pin IRQ7_INTOUT should be open-drain but not implemented as one.
Workaround: Buffer INTOUT on the board when it is wire ORed.
0K40A
1K42A
2K42A
QSIU12
Limited Clock Modes
Date Added: 4/2/2001, Modified 2/19/2002
Description: Single-master and Multi-master systems are limited to clock mode 57 for 1K42A
and 46 or 57 for 2K42A (see also QSIU14). Note that in mode 46 a 33MHz CLKIN can be used
which will result in a 16.5MHz input to the SPLL. Although this is slower than the specified
18MHz (refer to the MSC8101 Data Sheet), this is not an issue in mode 46.
1K42A
2K42A
QSIU13
Software Watchdog Cannot be Enabled after Boot from Host
Date Added: 8/5/2001
Description: The software watchdog is disabled when booting from host. It cannot be subse-
quently enabled because the SYPCR can only be written once.
Workaround: None
0K40A
1K42A
2K42A
Table 48. Errata Resolved in Mask Set 2K87M (Continued)
Errata
Number
Errata Description
Applies
to Mask
Available 1K42A Clock Modes
MODCK
BUS:CPM:CORE
BUS:CLKIN
MAX
BUS
MAX
CPM
MAX
CORE
57
1:2.5:5
1.0
55
138
275
Available 2K42A Clock Modes
MODCK
BUS:CPM:CORE
BUS:CLKIN
MAX
BUS
MAX
CPM
MAX
CORE
46
1:2:4
2.0
69
138
275
57
1:2.5:5
1.0
55
138
275



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com