Electronic Components Datasheet Search
  English  ▼

X  

EB632 Datasheet(PDF) 60 Page - Freescale Semiconductor, Inc

Part # EB632
Description  Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M)
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

EB632 Datasheet(HTML) 60 Page - Freescale Semiconductor, Inc

Back Button EB632 Datasheet HTML 56Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 57Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 58Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 59Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 60Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 61Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 62Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 63Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 64Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 112 page
background image
Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M), Rev. 2
60
Freescale Semiconductor
Errata
BOOT2
Boot Interference in Multi-Master System with Shared Memory
Date Added: 8/5/2001
Description: The DSPRAM address in the memory map as programmed by the boot loader code
in the ROM is the same for all processors. During simultaneous boot, this will cause interference
of one processor with another.
Workaround: For up to 4 MSC8101’s including the configuration master.
Boot the processors one after the other, and not at the same time. Reprogram unique DSPRAM
address for each processor. The configuration master is set also to be the arbitration master and
the memory controller for the system. The configuration word for the master should set the MMR
field of the reset word (bits [18:19]) to 2'b11. This will mask all the external bus requests of the
configuration slaves. After the master completes its boot, the user should:
1.
Clear all external requestors from the Arbitration Level Register (ALR) of the arbi-
tration master.
2.
Reprogram the UPM of the DSPRAM bank to unique address (see programming
example below)
3.
Set priority for the next configuration slave in the Arbitration Level Register (ALR)
of the arbitration master.
4.
Enable external bus requests by clearing SIUMCR MMR field (bits [16:17]).
5.
Repeat stages 2,3 for consecutive slaves.
Configuration master programming code:
move.l PPC_ALRH,D7 ; Step #1
move.l PPC_ALRL,D8
bmclr.w #$f,D7.L
bmclr.w #$ff00,D8.H
move.l D7,PPC_ALRH
move.l D8,PPC_ALRL
upmc_init $04000000 ; Step #2 (DSPRAM base address
$0400_0000)
move.l PPC_ALRH,D7 ; Step #3
nop
bmset.w #$7,D7.L
nop
move.l D7,PPC_ALRH
move.l SIUMCR,D7; Step #4
nop
bmclr.w #$c000,D7.L
nop
move.l D7,SIUMCR
0K40A
1K42A
2K42A
GEN1
Device Withstands MM ESD of 75V Instead of 100V
Date Added: 5/21/2002
Description: Device meets the ESD specifications for Human Body Model (HBM) of 1000V and
Charged Device Model (CDM) of 500V but does not withstand the Machine Model (MM) re-
quirement of 100V. All pins guaranteed to withstand 75V MM.
Workaround: None.
0K40A
1K42A
2K42A
Table 48. Errata Resolved in Mask Set 2K87M (Continued)
Errata
Number
Errata Description
Applies
to Mask



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com