| Electronic Components Datasheet Search |
|
EB632 Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
EB632 Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc |
|
20 / 112 page ![]() Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M), Rev. 2 20 Freescale Semiconductor Clock System 22 010 110 Reserved 23 010 111 Reserved 24 011 000 2 12 6 6 2 3 12 1 : 3 : 4 1 25 011 001 1 12 6 3 2 5 10 1 : 3 : 4 2 26 011 010 1 18 6 3 2 5 10 1 : 3 : 4 3 27 011 011 2 10 5 3 2 5 12 1 : 2.5 : 4 1 28 011 100 Reserved 29 011 101 Reserved 30 011 110 Reserved 31 011 111 2 12 6 8 2 3 12 1 : 3 : 3 1 32 100 000 Reserved 33 100 001 2 16 8 8 4 2 10 1 : 2 : 5 1 34 100 010 1 12 4 4 2 2 10 1 : 2 : 5 3 35 100 011 2 16 8 8 4 2 12 1 : 2 : 6 1 36 100 100 1 16 8 8 4 2 12 1 : 2 : 6 2 37 100 101 Reserved 38 100 110 Reserved 39 100 111 Reserved 40 101 000 Reserved 41 101 001 Reserved 42 101 010 Reserved 43 101 011 Reserved 44 101 100 Reserved 45 101 101 Reserved 463 101 110 216 4 2 2 510 1 : 2 : 4 2 47 101 111 Reserved 48 110 000 Reserved 49 110 001 Reserved 50 110 010 Reserved 51 110 011 Reserved 52 110 100 Reserved 53 110 101 Reserved 54 110 110 Reserved 55 110 111 Reserved 56 111 000 Reserved 573 111 001 2 10 5 5 2 2 10 1 : 2.5 : 5 1 58 111 010 Reserved 59 111 011 Reserved 60 111 100 Reserved 61 111 101 Reserved 62 111 110 Reserved 63 111 111 Reserved Notes: 1. MODCK_H is a 3-bit field that occupies bits 28–30 of the Hard Reset Configuration Word. The bits are listed in the table in the following order: bit 28, bit 29, bit 30. For example, the value 110 indicates that bit 28 = 1, bit 29 = 1, and bit 30 = 0. 2. MODCK[1–3] are external signal inputs that are either pulled up (1) or pulled down (0) to configure the system clock mode. The values are listed in the table in the following order: MODCK1, MODCK2, MODCK3. For example, the value 110 indicates that MODCK1 is pulled up, MODCK2 is pulled up, and MODCK3 is pulled down. 3. This mode is compatible with the same mode for mask set 2K42A. Table 14. 2K87M Mask Set Clock Configuration Modes (Continued) Mode # MODCK_H1 MODCK[1–3]2 SPLL PDF SPLL MF Bus DF Core DF CPM DF CPLL PDF CPLL MF Ratio Bus:CPM:Core Bus/ CLKIN |