Electronic Components Datasheet Search
  English  ▼

X  

AD9271 Datasheet(PDF) 38 Page - Analog Devices

Part # AD9271
Description  Octal LNA/VGA/AAF/ADC and Crosspoint Switch
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9271 Datasheet(HTML) 38 Page - Analog Devices

Back Button AD9271 Datasheet HTML 34Page - Analog Devices AD9271 Datasheet HTML 35Page - Analog Devices AD9271 Datasheet HTML 36Page - Analog Devices AD9271 Datasheet HTML 37Page - Analog Devices AD9271 Datasheet HTML 38Page - Analog Devices AD9271 Datasheet HTML 39Page - Analog Devices AD9271 Datasheet HTML 40Page - Analog Devices AD9271 Datasheet HTML 41Page - Analog Devices AD9271 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 58 page
background image
AD9271
Preliminary Technical Data
Rev. PrA | Page 38 of 58
Table 16. Memory Map Register
Addr.
(Hex)
Parameter Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
(Hex)
Default Notes/
Comments
Chip Configuration Registers
00
chip_port_config
0
LSB first
1 = on
0 = off
(default)
Soft
reset
1 = on
0 = off
(default)
1
1
Soft
reset
1 = on
0 = off
(default)
LSB first
1 = on
0 = off
(default)
0
0x18
The nibbles
should be
mirrored so that
LSB- or MSB-first
mode registers
correctly
regardless of
shift mode.
01
chip_id
Chip ID Bits 7:0
(AD9271 = 0x13), (default)
Read
only
Default is unique
chip ID, different
for each device.
This is a read-only
register.
02
chip_grade
X
X
Child ID 6:4
(identify device
variants of Chip ID)
00 = 50 MSPS
(default)
01 = 40 MSPS
11 = 25 MSPS
X
X
X
X
0x00
Child ID used to
differentiate
graded devices.
Device Index and Transfer Registers
04
device_index_2
X
X
X
X
Data
Channel
H
1 = on
(default)
0 = off
Data
Channel
G
1 = on
(default)
0 = off
Data
Channel
F
1 = on
(default)
0 = off
Data
Channel
E
1 = on
(default)
0 = off
0x0F
Bits are set to
determine which
on-chip device
receives the next
write command.
05
device_index_1
X
X
Clock
Channel
DCO
1 = on
0 = off
(default)
Clock
Channel
FCO
1 = on
0 = off
(default)
Data
Channel
D
1 = on
(default)
0 = off
Data
Channel
C
1 = on
(default)
0 = off
Data
Channel
B
1 = on
(default)
0 = off
Data
Channel
A
1 = on
(default)
0 = off
0x0F
Bits are set to
determine which
on-chip device
receives the next
write command.
FF
device_update
X
X
X
X
X
X
X
SW
transfer
1 = on
0 = off
(default)
0x00
Synchronously
transfers data
from the master
shift register to
the slave.
ADC Functions
08
modes
X
X
X
X
LNA
bypass
1 = on
0 = off
(default)
Internal power-down mode
000 = chip run (default)
001 = full power-down
010 = standby
011 = reset
100 = CW mode (TGC PWDN)
0x00
Determines
various generic
modes of chip
operation.
09
clock
X
X
X
X
X
X
X
Duty
cycle
stabilizer
1 = on
(default)
0 = off
0x01
Turns the internal
duty cycle stabilizer
on and off.
0D
test_io
User test mode
00 = off (default)
01 = on, single
alternate
10 = on, single once
11 = on, alternate once
Reset PN
long
gen
1 = on
0 = off
(default)
Reset
PN
short
gen
1 = on
0 = off
(default)
Output test mode—see Table 12 in the
Digital Outputs and Timing section
0000 = off (default)
0001 = midscale short
0010 = +FS short
0011 = −FS short
0100 = checkerboard output
0101 = PN 23 sequence
0110 = PN 9
0111 = one/zero word toggle
1000 = user input
1001 = one/zero bit toggle
0x00
When set, the test
data is placed on
the output pins in
place of normal
data. (Local,
expect for PN
sequence)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com