Electronic Components Datasheet Search
  English  ▼

X  

AD9271 Datasheet(PDF) 25 Page - Analog Devices

Part # AD9271
Description  Octal LNA/VGA/AAF/ADC and Crosspoint Switch
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9271 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9271 Datasheet HTML 21Page - Analog Devices AD9271 Datasheet HTML 22Page - Analog Devices AD9271 Datasheet HTML 23Page - Analog Devices AD9271 Datasheet HTML 24Page - Analog Devices AD9271 Datasheet HTML 25Page - Analog Devices AD9271 Datasheet HTML 26Page - Analog Devices AD9271 Datasheet HTML 27Page - Analog Devices AD9271 Datasheet HTML 28Page - Analog Devices AD9271 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 58 page
background image
Preliminary Technical Data
AD9271
Rev. PrA | Page 25 of 58
Crosspoint Switch
Each LNA is followed by a transconductance amp for V/I con-
version. Currents can be routed to one of six pairs of differential
outputs or to 12 single-ended outputs for summing. Each CWD
output pin sinks 2.4 mA dc current, and the signal has a full-scale
of ±2 mA for each channel selected by the cross-point switch.
For example, if four channels were to be summed on one CWD
output, the output would sink 9.6 mA dc and have a full-scale
current output of ±8 mA. The maximum number of channels
combined must be considered in setting the load impedance for
I/V conversion to ensure that the full-scale swing and common-
mode voltage are within the operating limits of the AD9271.
When interfacing to the AD8339, a common-mode voltage of
2.5 V and a full-scale swing of 2.8 V p-p are desired This can be
accomplished by connecting an inductor between each CWD
output and a 2.5 V supply, and then connecting either a single-
ended or differential load resistance to the CWD outputs. The
value of resistance should be calculated based on the maximum
number of channels that can be combined.
CWD outputs are required under full-scale swing to be within
1.5 V and CWVDD (3.3 V supply).
TGC OPERATION
The signal path is fully differential throughout to maximize
signal swing and reduce even-order distortion; however, the
LNAs are designed to be driven from a single-ended signal
source. Gain values are referenced from the single-ended LNA
input to the differential output of the LNA. A simple exercise in
understanding the maximum and minimum gain requirements
is shown in Figure 41.
Table 8. LNA Specifications
LNA Parameters
Specifications
BW (MHz)
15
FS/FSrms (mVpp/mV)
333/118
SNR (dB)
88.1
ENOB (Bits)
14.3
Noise (rms uV/nV/rt(Hz))
4.65/1.2
ADC EQUIVALENT
ADC EQUIVALENT
DYNAMIC RANGE
LNA FS
(0.333V p-p SE)
VGA NOISE FLOOR
(4.7µV rms)
ADC FS (2V p-p)
ADC NOISE FLOOR
(194µV rms)
MINIMUM GAIN
MAXIMUM GAIN
88dB
70dB
Figure 41. Gain Requirements of TGC for a 12-Bit, 40 MSPS ADC
Table 9. ADC Specifications
ADC Parameters
Specifications
FS/FSrms (Vpp/mV)
2/707
SNR (dB)
70
ENOB (Bits)
11.3
SFDR (dB)
−82
Noise (rms uV/nV/rt(Hz))
194/50
In summary, the maximum gain required is determined by
(ADC Noise Floor/VGA Input Noise Floor) + Margin =
20 log(194/4.7) + 10 dB = 42.3 dB
The minimum gain required is determined by
(ADC Input FS/VGA Input FS) + Margin =
20 log(2/0.333) – 6 dB = 9.6 dB
Therefore, a 12-bit, 40 MSPS ADC with 15 MHz of bandwidth
should suffice in achieving the dynamic range required for most
ultrasound systems today.
The system gain is distributed as listed in Table 7.
Table 10. Channel Gain Distribution
Section
Nominal Gain (dB)
LNA
14/15.6/18
Attenuator
0 to −30
VGA Amp
25
Filter
0
ADC
0
Total
9 to 39/10.6 to 40.6/13 to 43
The linear-in-dB gain range of the TGC path is 30 dB, extending
from 9.6 dB to 39.6 dB. The slope of the gain control interface is
30 dB/V, and the gain control range is 0 V to 1 V. Equation 1 is
the expression for gain.
ICPT
V
dB
Gain
GAIN +
=
V
dB
30
)
(
(1)
where ICPT is the intercept point of the LNA gain.
In its default condition, the LNA has a gain of 15.6 dB (6×) and
the VGA gain is −6 dB if the voltage on the VGAIN pin is 0 V.
This gives rise to a total gain (or ICPT) of 9.6 dB through the
TGC path if the LNA input is unmatched, or of 3.6 dB if the
LNA is matched to 50 Ω (RFB = 200 Ω). If the voltage on the
VGAIN pin is 1 V, however, the VGA gain is 24 dB. This gives rise
to a total gain of 39.6 dB through the TGC path if the LNA
input is unmatched, or of 33.5 dB if the LNA input is matched.
Each of the LNA outputs is dc-coupled to a VGA input. The
VGA consists of an attenuator with a range of 30 dB followed by
an amplifier with 24 dB of gain for a net gain range of −5 dB to
+25 dB. The X-AMP gain-interpolation technique results in low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com