Electronic Components Datasheet Search
  English  ▼

X  

AD9271 Datasheet(PDF) 53 Page - Analog Devices

Part # AD9271
Description  Octal LNA/VGA/AAF/ADC and Crosspoint Switch
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9271 Datasheet(HTML) 53 Page - Analog Devices

Back Button AD9271 Datasheet HTML 49Page - Analog Devices AD9271 Datasheet HTML 50Page - Analog Devices AD9271 Datasheet HTML 51Page - Analog Devices AD9271 Datasheet HTML 52Page - Analog Devices AD9271 Datasheet HTML 53Page - Analog Devices AD9271 Datasheet HTML 54Page - Analog Devices AD9271 Datasheet HTML 55Page - Analog Devices AD9271 Datasheet HTML 56Page - Analog Devices AD9271 Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 58 page
background image
Preliminary Technical Data
AD9271
Rev. PrA | Page 53 of 58
Item
Qnty.
per
Board
REFDES
Device
Pkg.
Value
Mfg.
Mfg. Part Number
15
10
P302 to P303,
P502 to P509
Connector
CNBERG69157-102
100 mil header
jumper, 2-pin
Samtec
TSW-102-07-G-S
16
2
P403 to P404
Connector
CNBERG2X6H330LD
100 mil header,
male, 2 × 6
double row
straight
Samtec
TSW-110-08-G-D/
TSW-106-08-G-D
17
8
L501 to L502,
L702 to L707
Ferrite Bead
L1210
Bead core
3.2 × 2.5 × 1.6
SMD 1210, 10 μH
Panasonic
EXC-CL3225U1
18
1
L701
Choke coil
Filter, BNX016-01,
EMIFIL LC block
Murata
BNX016-01
19
1
OSC401
Oscillator
OSC14P4_CB3
Crystal, dual
footprint, see eng
Valpey Fisher
VFAC3-BHL-50MHz
20
1
P301
Connector
Header, right
angle, 2-pair,
25 mm, header
assembly
Tyco/AMP
6469169-1
21
1
P701
Connector
0.08", PCMT
DC power,
PC mount
Switchcraft
RAPC722X
23
38
R102, R103, R106,
R111, R115, R124,
R129, R130, R133,
R151, R152, R153,
R202, R206, R211,
R213, R215, R224,
R229, R233, R249
R252, R305, R317,
R403, R405, R415 to
R418, R446, R450 to
R452, R465, R466
Resistor
R0402
0 Ω 1/16 W 5%
0402 SMD
Panasonic
ERJ-2GE0R00X
24
8
R108, R117, R126,
R135, R208, R217,
R226, R235
Resistor
R0402
200 Ω 1/16 W
0.5% 0402 SMD
Yageo America
RR0510P-201-D
25
12
R158 to R161, R258
to R261, R302, R404,
R455, R458
Resistor
R0402
49.9 Ω 1/16 W
0.5% 0402 SMD
Susumu Co.
RR0510R-49R9-D
26
9
R301, R338, R401 to
R402, R410, R413,
R711, R714 to R715
Resistor
R0402
10 kΩ 1/16 W
5% 0402 SMD
Panasonic
ERJ-2GEJ103X
27
3
R303, R422 to R423
Resistor
R0402
100 Ω 1/16 W
1% 0402 SMD
Panasonic
ERJ-2RKF1000V
28
1
R308
Resistor
R0402
470 kΩ 1/16 W
5% 0402 SMD
Panasonic
RC0402JR-07470KL
29
7
R309, R319, R325,
R326, R710, R712,
R713
Resistor
R0402
1.00 kΩ 1/16 W
1% 0402 SMD
Panasonic
ERJ-2RKF1001X
30
1
R335
Resistor
R0402
8.06 kΩ 1/16 W
1% 0402 SMD
Yageo
RC0402FR-078K06L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com