Electronic Components Datasheet Search
  English  ▼

X  

AD9271 Datasheet(PDF) 30 Page - Analog Devices

Part # AD9271
Description  Octal LNA/VGA/AAF/ADC and Crosspoint Switch
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9271 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9271 Datasheet HTML 26Page - Analog Devices AD9271 Datasheet HTML 27Page - Analog Devices AD9271 Datasheet HTML 28Page - Analog Devices AD9271 Datasheet HTML 29Page - Analog Devices AD9271 Datasheet HTML 30Page - Analog Devices AD9271 Datasheet HTML 31Page - Analog Devices AD9271 Datasheet HTML 32Page - Analog Devices AD9271 Datasheet HTML 33Page - Analog Devices AD9271 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 58 page
background image
AD9271
Preliminary Technical Data
Rev. PrA | Page 30 of 58
Power Dissipation and Power-Down Mode
As shown in Figure 52, the power dissipated by the AD9271 is
proportional to its sample rate. The digital power dissipation
does not vary much because it is determined primarily by the
DRVDD supply and bias current of the LVDS output drivers.
0
100
200
300
400
500
600
700
800
0
1020
30405060
Sampling Frequency (MSPS)
25MSPS Speed Grade
40MSPS Speed Grade
50MSPS Speed Grade
IDRVDD
Figure 52. Supply Current vs. fSAMPLE for fIN = 7.5 MHz
100
110
120
130
140
150
160
170
180
190
0
10203040
5060
Sampling Frequency (MSPS)
25MSPS Speed Grade
40MSPS Speed Grade
50MSPS Speed Grade
Figure 53. Power per Channel vs. fSAMPLE for fIN = 7.5 MHz
By asserting the PDWN pin high, the AD9271 is placed in
power-down mode. In this state, the ADC typically dissipates
xx mW. During power-down, the LVDS output drivers are placed
in a high impedance state. The AD9271 returns to normal
operating mode when the PDWN pin is pulled low. This pin is
both 1.8 V and 3.3 V tolerant.
By asserting the STBY pin high, the AD9271 is placed in a
standby mode. In this state, the ADC typically dissipates
xx mW. During standby, the entire part is powered down except
the internal references. The LVDS output drivers are placed in a
high impedance state. This mode is well suited for applications
that require power savings because it allows the device to be
powered down when not in use and then quickly powered up.
The time to power this device back up is also greatly reduced. The
AD9271 returns to normal operating mode when the STBY pin
is pulled low. This pin is both 1.8 V and 3.3 V tolerant.
In power-down mode, low power dissipation is achieved by
shutting down the reference, reference buffer, PLL, and biasing
networks. The decoupling capacitors on REFT and REFB are
discharged when entering power-down mode and must be
recharged when returning to normal operation. As a result, the
wake-up time is related to the time spent in the power-down
mode; shorter cycles result in proportionally shorter wake-up
times. With the recommended 0.1 μF and 4.7 μF decoupling
capacitors on REFT and REFB, it takes approximately 1 sec to
fully discharge the reference buffer decoupling capacitors and
xx μs to restore full operation.
There are a number of other power-down options available
when using the SPI port interface. The user can individually
power down each channel or put the entire device into standby
mode. This allows the user to keep the internal PLL powered up
when fast wake-up times (~xxx ns) are required. See the
Memory Map section for more details on using these features.
Digital Outputs and Timing
The AD9271 differential outputs conform to the ANSI-644 LVDS
standard on default power-up. This can be changed to a low power,
reduced signal option similar to the IEEE 1596.3 standard using the
SDIO/ODM pin or via the SPI. This LVDS standard can further
reduce the overall power dissipation of the device by approximately
xx mW. See the SDIO Pin section or Table 16 in the Memory
Map section for more information. The LVDS driver current is
derived on-chip and sets the output current at each output equal
to a nominal 3.5 mA. A 100 Ω differential termination resistor
placed at the LVDS receiver inputs results in a nominal 350 mV
swing at the receiver.
The AD9271 LVDS outputs facilitate interfacing with LVDS
receivers in custom ASICs and FPGAs that have LVDS capability
for superior switching performance in noisy environments.
Single point-to-point net topologies are recommended with a
100 Ω termination resistor placed as close to the receiver as
possible. No far-end receiver termination and poor differential
trace routing may result in timing errors. It is recommended
that the trace length is no longer than 24 inches and that the
differential output traces are kept close together and at equal
lengths. An example of the FCO and data stream with proper
trace length and position can be found in Figure 54.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com