Electronic Components Datasheet Search
  English  ▼

X  

AD9271 Datasheet(PDF) 26 Page - Analog Devices

Part # AD9271
Description  Octal LNA/VGA/AAF/ADC and Crosspoint Switch
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9271 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9271 Datasheet HTML 22Page - Analog Devices AD9271 Datasheet HTML 23Page - Analog Devices AD9271 Datasheet HTML 24Page - Analog Devices AD9271 Datasheet HTML 25Page - Analog Devices AD9271 Datasheet HTML 26Page - Analog Devices AD9271 Datasheet HTML 27Page - Analog Devices AD9271 Datasheet HTML 28Page - Analog Devices AD9271 Datasheet HTML 29Page - Analog Devices AD9271 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 58 page
background image
AD9271
Preliminary Technical Data
Rev. PrA | Page 26 of 58
gain error and uniform bandwidth, and differential signal paths
minimize distortion.
At low gain the VGA should limit the system noise performance
(SNR), whereas at high gains the noise is defined by the source
and LNA. The maximum voltage swing is bounded by the full-
scale peak-to-peak ADC input voltage (2 V p-p).
Variable Gain Amplifier
The differential X-AMP VGA provides precise input
attenuation and interpolation. It has a low input-referred noise
of 4 nV/√Hz and excellent gain linearity. A simplified block
diagram is shown in Figure 42.
VIP
GAIN
3dB
VIN
gm
POSTAMP
POSTAMP
+
–
GAIN INTERPOLATOR
Figure 42. Simplified VGA Schematic
The input of the VGA is a 12-stage differential resistor ladder with
3.01 dB per tap. The resulting total gain range is 30 dB, which
allows for range loss at the endpoints. The effective input resistance
per side is 180 Ω nominally for a total differential resistance of
360 Ω. The ladder is driven by a fully differential input signal from
the LNA. LNA outputs are dc-coupled to avoid external decoupling
capacitors. The common-mode voltage of the attenuator and the
VGA is controlled by an amplifier that uses the same midsupply
voltage derived in the LNA, permitting dc coupling of the LNA
to the VGA without introducing large offsets due to common-
mode differences. However, any offset from the LNA will be
amplified as the gain is increased, producing an exponentially
increasing VGA output offset.
The input stages of the X-AMP are distributed along the ladder,
and a biasing interpolator, controlled by the gain interface,
determines the input tap point. With overlapping bias currents,
signals from successive taps merge to provide a smooth
attenuation range from 0 dB to −30 dB. This circuit technique
results in linear-in-dB gain law conformance and low distortion
levels—only deviating ±0.2 dB or less from the ideal. The gain
slope is monotonic with respect to the control voltage and is
stable with variations in process, temperature, and supply.
The X-AMP inputs are part of a 25 dB gain feedback amplifier
that completes the VGA. Its bandwidth is about 80 MHz. The
input stage is designed to reduce feedthrough to the output and
to ensure excellent frequency response uniformity across the
gain setting.
Gain Control
The gain control interface, GAIN+, is a differential input. VGAIN
varies the gain of all VGAs through the interpolator by selecting
the appropriate input stages connected to the input attenuator.
The nominal VGAIN range for 30 dB/V is 0 V to 1 V, with the best
gain-linearity from about 0.1 V to 0.9 V, where the error is
typically less than ±0.2 dB. For VGAIN voltages greater than 0.9 V
and less than 0.1 V, the error increases. The value of the VGAIN
voltage can be increased to that of the supply voltage without
gain foldover.
Gain control response time is less than 750 ns to settle within 10%
of the final value for a change from minimum to maximum gain.
There are two ways in which the GAIN pins can be interfaced.
Using a single-ended method, a Kelvin type of connection to
ground should be used as shown in Figure 43. For driving multiple
devices, it is preferred to use a differential method as shown in
Figure 44. In either method, the GAIN pins should be dc-coupled
and driven to accommodate a 1 V full-scale input.
Figure 43. Single-Ended Gain Pin Configuration
GAIN–
50Ω
GAIN+
AD9271
AVDD
26kΩ
10kΩ
0.01µF
±0.25DC AT
0.5V CM
±0.25DC AT
0.5V CM
100Ω
499Ω
±0.5V DC
0.01µF
100Ω
499Ω
523Ω
499Ω
0.5V CM
AD8318
Figure 44. Differential Gain Pin Configuration
VGA Noise
In a typical application, a VGA compresses a wide dynamic
range input signal to within the input span of an ADC. The
input-referred noise of the LNA limits the minimum resolvable
input signal, whereas the output-referred noise, which depends
primarily on the VGA, limits the maximum instantaneous
dynamic range that can be processed at any one particular gain
control voltage. This limit is set in accordance with the
quantization noise floor of the ADC.
Output- and input-referred noise as a function of VGAIN are
shown in Figure TBD and Figure TBD for the short-circuited
input conditions. The input noise voltage is simply equal to the
output noise divided by the measured gain at each point in the
control range.
The output-referred noise is a flat 65 nV/√Hz over most of the
gain range, because it is dominated by the fixed output-referred
noise of the VGA. At the high end of the gain control range, the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com