Electronic Components Datasheet Search
  English  ▼

X  

AD9271 Datasheet(PDF) 40 Page - Analog Devices

Part # AD9271
Description  Octal LNA/VGA/AAF/ADC and Crosspoint Switch
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9271 Datasheet(HTML) 40 Page - Analog Devices

Back Button AD9271 Datasheet HTML 36Page - Analog Devices AD9271 Datasheet HTML 37Page - Analog Devices AD9271 Datasheet HTML 38Page - Analog Devices AD9271 Datasheet HTML 39Page - Analog Devices AD9271 Datasheet HTML 40Page - Analog Devices AD9271 Datasheet HTML 41Page - Analog Devices AD9271 Datasheet HTML 42Page - Analog Devices AD9271 Datasheet HTML 43Page - Analog Devices AD9271 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 58 page
background image
AD9271
Preliminary Technical Data
Rev. PrA | Page 40 of 58
Addr.
(Hex)
Parameter Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
(Hex)
Default Notes/
Comments
21
serial_control
LSB first
1 = on
0 = off
(default)
X
X
X
<10
MSPS,
low
encode
rate
mode
1 = on
0 = off
(default)
000 = 12 bits (default, normal
bit stream)
001 = 8 bits
010 = 10 bits
011 = 12 bits
100 = 14 bits
0x00
Serial stream
control. Default
causes MSB first
and the native bit
stream (global).
22
serial_ch_stat
X
X
X
X
X
X
Channel
output
reset
1 = on
0 = off
(default)
Channel
power-
down
1 = on
0 = off
(default)
0x00
Used to power
down individual
sections of a
converter (local).
2B
Flex_filter
X
Enable
automatic
low-pass
tuning
1 = on
0 = off
(default)
X
X
X
X
High-pass filter
cutoff
00 = dc (default)
01 = 700 kHz
10 = 350 kHz
0x00
Filter cutoff
(global)
2C
Analog_Input
X
X
X
X
X
X
X
LOSW
1 = on
0 = off
(default)
0x00
LNA active
termination/input
impedance
(global)
2D
Cross_point_Switch
X
X
X
Crosspoint switch enable
0 0000 = CDW0p/n
0 0001 = CDW1p/n
0 0010 = CDW2p/n
0 0011 = CDW3p/n
0 0100 = CDW4p/n
0 0101 = CDW5p/n
0 0111 = power down CW channel
1 0000 = CDW0p SE
1 0001 = CDW1p SE
1 0010 = CDW2p SE
1 0011 = CDW3p SE
1 0100 = CDW4p SE
1 0101 = CDW5p SE
1 0111 = power down CW channel
1 1000 = CDW0n SE
1 1001 = CDW1n SE
1 1010 = CDW2n SE
1 1011 = CDW3n SE
1 1100 = CDW4n SE
1 1101 = CDW5n SE
1 1111 = power down CW channel
0x07
Crosspoint switch
enable (local)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com