Electronic Components Datasheet Search
  English  ▼

X  

AD9271 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9271
Description  Octal LNA/VGA/AAF/ADC and Crosspoint Switch
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9271 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9271 Datasheet HTML 2Page - Analog Devices AD9271 Datasheet HTML 3Page - Analog Devices AD9271 Datasheet HTML 4Page - Analog Devices AD9271 Datasheet HTML 5Page - Analog Devices AD9271 Datasheet HTML 6Page - Analog Devices AD9271 Datasheet HTML 7Page - Analog Devices AD9271 Datasheet HTML 8Page - Analog Devices AD9271 Datasheet HTML 9Page - Analog Devices AD9271 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 58 page
background image
AD9271
Preliminary Technical Data
Rev. PrA | Page 6 of 58
AD9271-25
AD9271-40
AD9271-50
Parameter1
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
DRVDD
1.7
1.8
1.9
1.7
1.8
1.9
1.7
1.8
1.9
V
CWVDD
3.0
3.3
3.6
3.0
3.3
3.6
3.0
3.3
3.6
IAVDD
Full-channel
mode
500
622
746
mA
CW Doppler
mode with
four channels
enabled
136
160
170
mA
IDRVDD
49
49
49
mA
Total Power
Dissipation
(Including
Output Drivers)
Full-channel
mode
984
1200
1400
mW
CW Doppler
mode with
four channels
enabled
192
216
224
mW
Power-Down
Dissipation
10
mW
Standby Power
Dissipation
65
65
65
mW
Power Supply
Rejection Ratio
(PSRR)
1
1
1
mV/V
ADC RESOLUTION
12
12
12
Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com