Electronic Components Datasheet Search
  English  ▼

X  

AD9271 Datasheet(PDF) 27 Page - Analog Devices

Part # AD9271
Description  Octal LNA/VGA/AAF/ADC and Crosspoint Switch
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9271 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9271 Datasheet HTML 23Page - Analog Devices AD9271 Datasheet HTML 24Page - Analog Devices AD9271 Datasheet HTML 25Page - Analog Devices AD9271 Datasheet HTML 26Page - Analog Devices AD9271 Datasheet HTML 27Page - Analog Devices AD9271 Datasheet HTML 28Page - Analog Devices AD9271 Datasheet HTML 29Page - Analog Devices AD9271 Datasheet HTML 30Page - Analog Devices AD9271 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 58 page
background image
Preliminary Technical Data
AD9271
Rev. PrA | Page 27 of 58
noise of the LNA and source prevail. The input-referred noise
reaches its minimum value near the maximum gain control
voltage, where the input-referred contribution of the VGA is
miniscule.
At lower gains, the input-referred noise, and therefore the noise
figure, increases as the gain decreases. The instantaneous
dynamic range of the system is not lost, however, because the
input capacity increases as the input-referred noise increases.
The contribution of the ADC noise floor has the same
dependence. The important relationship is the magnitude of the
VGA output noise floor relative to that of the ADC.
Gain control noise is a concern in very low noise applications.
Thermal noise in the gain control interface can modulate the
channel gain. The resultant noise is proportional to the output
signal level and usually only evident when a large signal is present.
The gain interface includes an on-chip noise filter, which reduces
this effect significantly at frequencies above 5 MHz. Care should be
taken to minimize noise impinging at the GAIN input. An external
RC filter can be used to remove VGAIN source noise. The filter band-
width should be sufficient to accommodate the desired control
bandwidth.
Antialiasing Filter
The filter that the signal reaches prior to the ADC is used to
reject dc signals and to bandlimit the signal for antialiasing.
Figure 45 shows the architecture of the filter.
2kΩ
2kΩ
2kΩ
2kΩ
2kΩ
2kΩ
*C = 0.5 TO 3.1pF
6.5C*
7.5C*
1C*
1C*
4kΩ
4kΩ
56/112pF
56/112pF
Figure 45. Simplified Filter Schematic
The filter can be configured for dc coupling or to have a single
pole for high-pass filtering at either 700 kHz or 350 kHz
(programmed through the SPI). The high-pass pole, however, is
not tuned and can vary by ±30%.
A third-order Butterworth low-pass filter is used to reduce
noise bandwidth and provide antialiasing for the ADC. The
filter uses on-chip tuning to trim the capacitors to set the
desired cutoff and reduce variation. The default −3dB cutoff is
1/3 the ADC sample clock rate. The cutoff can be scaled to 0.7,
0.8, 0.9, 1, 1.1, 1.2, or 1.3 times this frequency through the SPI.
The cutoff can be set from 8 MHz to 18 MHz.
Tuning is normally off to avoid changing the capacitor settings
during critical times. The tuning circuit is enabled and disabled
through the SPI. Tuning should be done after initial power-up
and after reprogramming the filter cutoff scaling or ADC
sample rate. Occasional retuning during an idle time is
recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com