Electronic Components Datasheet Search
  English  ▼

X  

AD9271 Datasheet(PDF) 42 Page - Analog Devices

Part # AD9271
Description  Octal LNA/VGA/AAF/ADC and Crosspoint Switch
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9271 Datasheet(HTML) 42 Page - Analog Devices

Back Button AD9271 Datasheet HTML 38Page - Analog Devices AD9271 Datasheet HTML 39Page - Analog Devices AD9271 Datasheet HTML 40Page - Analog Devices AD9271 Datasheet HTML 41Page - Analog Devices AD9271 Datasheet HTML 42Page - Analog Devices AD9271 Datasheet HTML 43Page - Analog Devices AD9271 Datasheet HTML 44Page - Analog Devices AD9271 Datasheet HTML 45Page - Analog Devices AD9271 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 58 page
background image
AD9271
Preliminary Technical Data
Rev. PrA | Page 42 of 58
EVALUATION BOARD
The AD9271 evaluation board provides all of the support circuitry
required to operate the ADC in its various modes and configur-
ations. The LNA is driven differentially through a transformer.
Figure 65 shows the typical bench characterization setup used
to evaluate the ac performance of the AD9271. It is critical that
the signal sources used for the analog input and clock have very
low phase noise (<1 ps rms jitter) to realize the optimum
performance of the signal chain. Proper filtering of the analog
input signal
to remove harmonics and lower the integrated or broadband
noise at the input is also necessary to achieve the specified noise
performance.
See Figure x to Figure x for the complete schematics and layout
diagrams that demonstrate the routing and grounding techniques
that should be applied at the system level.
POWER SUPPLIES
This evaluation board comes with a wall-mountable switching
power supply that provides a 6 V, 2 A maximum output. Simply
connect the supply to the rated 100 V ac to 240 V ac wall outlet
at 47 Hz to 63 Hz. The other end is a 2.1 mm inner diameter
jack that connects to the PCB at P701. Once on the PC board,
the 6 V supply is fused and conditioned before connecting to
three low dropout linear regulators that supply the proper bias
to each of the various sections on the board.
When operating the evaluation board in a nondefault condition,
L702 to L704 can be removed to disconnect the switching
power supply. This enables the user to bias each section of the
board individually. Use P501 to connect a different supply for
each section. At least one 1.8 V supply is needed with a 1 A current
capability for AVDD_DUT and DRVDD_DUT; however, it is
recommended that separate supplies be used for both analog
and digital domains. To operate the evaluation board using the
SPI and alternate clock options, a separate 3.3 V analog supply
is needed in addition to the other supplies. The 3.3 V supply, or
AVDD_3.3 V, should have a 1 A current capability.
To bias the crosspoint switch circuitry or CW section, separate
+5 V and −5 V supplies are required. These should have 1 A
current capability each. This section cannot be biased from a
6 V, 2 A wall supply. Separate supplies are required.
INPUT SIGNALS
When connecting the clock and analog source, use clean signal
generators with low phase noise, such as Rohde & Schwarz SMHU
or HP8644 signal generators or the equivalent. Use a 1 m, shielded,
RG-58, 50 Ω coaxial cable for making connections to the evalu-
ation board. Enter the desired frequency and amplitude from the
specifications tables. The evaluation board is set up to be clocked
from the crystal oscillator, OSC401. If a different or external clock
source is desired, follow the instructions for CLOCK outlined in
the Default Operation and Jumper Selection Settings section.
Typically, most Analog Devices evaluation boards can accept
~2.8 V p-p or 13 dBm sine wave input for the clock. When
connecting the analog input source, it is recommended to use a
multipole, narrow-band, band-pass filter with 50 Ω
terminations. Analog Devices uses TTE and K&L Microwave,
Inc., band-pass filters. The filter should be connected directly to
the evaluation board.
OUTPUT SIGNALS
The default setup uses the HSC-ADC-FPGA-8 high speed
deserialization board to deserialize the digital output data and
convert it to parallel CMOS. These two channels interface
directly with the Analog Devices standard dual-channel FIFO
data capture board (HSC-ADC-EVALB-DC). Two of the eight
channels can then be evaluated at the same time. For more
information on channel settings on these boards and their
optional settings, visit www.analog.com/FIFO.
ROHDE & SCHWARZ,
SMHU,
2V p-p SIGNAL
SYNTHESIZER
ROHDE & SCHWARZ,
FS5A20
SPECTRUM
ANALYZER
BAND-PASS
FILTER
CHA TO CHH
12-BIT
SERIAL
LVDS
2 CH
12-BIT
PARALLEL
CMOS
USB
CONNECTION
AD9271
HSC-ADC-FPGA-8
HIGH SPEED
DESERIALIZATION
BOARD
HSC-ADC-EVALB-DC
FIFO DATA
CAPTURE
BOARD
PC
RUNNING
ADC
ANALYZER
AND SPI
USER
SOFTWARE
1.8V
–+
–+
1.8V
6V DC
2A MAX
VFAC3
OSCILLATOR
WALL OUTLET
100V TO 240V AC
47Hz TO 63Hz
SWITCHING
POWER
SUPPLY
–+
3.3V
–+
3.3V
–+
1.5V
–+
3.3V
SPI
SPI
SPI
SPI
ANALOG INPUT
CW OUTPUT
CLK
EVALUATION BOARD
Figure 65. Evaluation Board Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com