Electronic Components Datasheet Search
  English  ▼

X  

AD9271 Datasheet(PDF) 23 Page - Analog Devices

Part # AD9271
Description  Octal LNA/VGA/AAF/ADC and Crosspoint Switch
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9271 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9271 Datasheet HTML 19Page - Analog Devices AD9271 Datasheet HTML 20Page - Analog Devices AD9271 Datasheet HTML 21Page - Analog Devices AD9271 Datasheet HTML 22Page - Analog Devices AD9271 Datasheet HTML 23Page - Analog Devices AD9271 Datasheet HTML 24Page - Analog Devices AD9271 Datasheet HTML 25Page - Analog Devices AD9271 Datasheet HTML 26Page - Analog Devices AD9271 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 58 page
background image
Preliminary Technical Data
AD9271
Rev. PrA | Page 23 of 58
7
6
5
4
3
2
1
0
50
100
1k
RS (Ω)
INCLUDES NOISE OF VGA
RESISTIVE TERMINATION
(RS = RIN)
ACTIVE IMPEDANCE MATCH
UNTERMINATED
SIMULATION
Figure 37. Noise Figure vs. RS for Resistive,
Active Matched and Unterminated Inputs, Gain = 1 V
7
6
5
4
3
2
1
0
50
100
1k
RS (Ω)
INCLUDES NOISE OF VGA
RIN = 50Ω
RIN = 75Ω
RIN = 100Ω
RIN = 200Ω
RFB =
SIMULATION
Figure 38. Noise Figure vs. RS for Various Fixed Values of RIN,
Actively Matched, Gain = 1 V.
The primary purpose of input impedance matching is to
improve the system transient response. With resistive termination,
the input noise increases due to the thermal noise of the
matching resistor and the increased contribution of the LNA’s
input voltage noise generator. With active impedance matching,
however, the contributions of both are smaller than they would
be for resistive termination by a factor of 1/(1 + LNA Gain).
Figure 37 shows the relative noise figure (NF) performance. In
this graph, the input impedance was swept with RS to preserve
the match at each point. The noise figures for a source impedance
of 50 Ω are 7.1 dB, 4.1 dB, and 2.5 dB for the resistive, active,
and unterminated configurations, respectively. The noise
figures for 200 Ω are 4.6 dB, 2.0 dB, and 1.0 dB, respectively.
Figure 38 shows the NF vs. RS for various values of RIN, which is
helpful for design purposes. The plateau in the NF for actively
matched inputs mitigates source impedance variations. For
comparison purposes, a preamp with a gain of 15.6 dB and
noise spectral density of 1.2 nV/√Hz, combined with a VGA
with 4 nV/√Hz, yields a noise figure degradation of
approximately 1.5 dB (for most input impedances), which is
significantly worse than the AD9271 performance.
INPUT OVERDRIVE
Excellent overload behavior is of primary importance in ultra-
sound. Both the LNA and VGA have built-in overdrive
protection and quickly recover after an overload event.
Input Overload Protection
As with any amplifier, voltage clamping prior to the inputs is
highly recommended if the application is subject to high
transient voltages.
A block diagram of a simplified ultrasound transducer interface
is shown in Figure 39. A common transducer element serves the
dual functions of transmitting and receiving ultrasound energy.
During the transmitting phase, high voltage pulses are applied
to the ceramic elements. A typical transmit/receive (T/R) switch
may consist of four high voltage diodes in a bridge configuration.
Although the diodes ideally block transmit pulses from the
sensitive receiver input, diode characteristics are not ideal, and
resulting leakage transients imposed on the LI-x inputs can be
problematic.
Because ultrasound is a pulse system and time-of-flight is used
to determine depth, quick recovery from input overloads is
essential. Overload can occur in the preamp and the VGA.
Immediately following a transmit pulse, the typical VGA gains
are low, and the LNA is subject to overload from T/R switch
leakage. With increasing gain, the VGA can become overloaded
due to strong echoes that occur near field echoes and
acoustically dense materials, such as bone.
Figure 39 illustrates an external overload protection scheme. A
pair of back-to-back Schottky diodes is installed prior to
installing the ac-coupling capacitors. Although the BAS40
diodes are shown, any diode is prone to exhibiting some amount
of shot noise. Many types of diodes are available for achieving the
desired noise performance. The configuration shown in Figure
39 tends to add 2 nV√Hz of input-referred noise. Decreasing the
5 kΩ resistor and increasing the 2 kΩ resistor may improve noise
contribution, depending on the application. With the diodes
shown in Figure 39, clamping levels of ±0.5 V or less
significantly enhances the system overload performance.
TRANSDUCER
10nF
10nF
2kΩ
5kΩ
5kΩ
AD9271
Tx
DRIVER
HV
BAS40-04
+5V
–5V
LNA
Figure 39. Input Overload Protection
CW DOPPLER OPERATION
Modern ultrasound machines used for medical applications
employ a 2n binary array of receivers for beam forming, with



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com