Electronic Components Datasheet Search
  English  ▼

X  

AD9271 Datasheet(PDF) 15 Page - Analog Devices

Part # AD9271
Description  Octal LNA/VGA/AAF/ADC and Crosspoint Switch
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9271 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9271 Datasheet HTML 11Page - Analog Devices AD9271 Datasheet HTML 12Page - Analog Devices AD9271 Datasheet HTML 13Page - Analog Devices AD9271 Datasheet HTML 14Page - Analog Devices AD9271 Datasheet HTML 15Page - Analog Devices AD9271 Datasheet HTML 16Page - Analog Devices AD9271 Datasheet HTML 17Page - Analog Devices AD9271 Datasheet HTML 18Page - Analog Devices AD9271 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 58 page
background image
Preliminary Technical Data
AD9271
Rev. PrA | Page 15 of 58
EQUIVALENT CIRCUITS
LI-x,
LG-x
AVDD
15kΩ
VCM
Figure 5. Equivalent LNA Input Circuit
LO-x,
LOSW-x
10Ω
AVDD
Figure 6. Equivalent LNA Output Circuit
10Ω
10kΩ
10kΩ
CLK–
10Ω
1.25V
CLK+
Figure 7. Equivalent Clock Input Circuit
SDIO
350Ω
30kΩ
AVDD
Figure 8. Equivalent SDIO Input Circuit
DRVDD
DRGND
DOUT–
DOUT+
V
V
V
V
Figure 9. Equivalent Digital Output Circuit
SCLK OR PDWN
OR STBY
30kΩ
1kΩ
Figure 10. Equivalent SCLK Input Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com