Electronic Components Datasheet Search
  English  ▼

X  

AD9271 Datasheet(PDF) 14 Page - Analog Devices

Part # AD9271
Description  Octal LNA/VGA/AAF/ADC and Crosspoint Switch
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9271 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9271 Datasheet HTML 10Page - Analog Devices AD9271 Datasheet HTML 11Page - Analog Devices AD9271 Datasheet HTML 12Page - Analog Devices AD9271 Datasheet HTML 13Page - Analog Devices AD9271 Datasheet HTML 14Page - Analog Devices AD9271 Datasheet HTML 15Page - Analog Devices AD9271 Datasheet HTML 16Page - Analog Devices AD9271 Datasheet HTML 17Page - Analog Devices AD9271 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 58 page
background image
AD9271
Preliminary Technical Data
Rev. PrA | Page 14 of 58
Pin No.
Name
Description
85
GAIN−
GAIN Control Voltage Input Complement
86
GAIN+
GAIN Control Voltage Input True
87
RBIAS
External resistor sets the internal ADC core bias current
88
SENSE
Reference Mode Selection
89
VREF
Voltage Reference Input/Output
90
REFB
Differential Reference (Negative)
91
REFT
Differential Reference (Positive)
93
CWD3−
CW Doppler Output Complement for Channel 3
93
CWD3+
CW Doppler Output True for Channel 3
95
CWD4−
CW Doppler Output Complement for Channel 4
96
CWD4+
CW Doppler Output True for Channel 4
97
CWD5−
CW Doppler Output Complement for Channel 5
98
CWD5+
CW Doppler Output True for Channel 5
99
LO-E
LNA Analog Output for Channel E
100
LOSW-E
LNA Analog Output Complement for Channel E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com