Electronic Components Datasheet Search
  English  ▼

X  

AD9271 Datasheet(PDF) 56 Page - Analog Devices

Part # AD9271
Description  Octal LNA/VGA/AAF/ADC and Crosspoint Switch
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9271 Datasheet(HTML) 56 Page - Analog Devices

Back Button AD9271 Datasheet HTML 50Page - Analog Devices AD9271 Datasheet HTML 51Page - Analog Devices AD9271 Datasheet HTML 52Page - Analog Devices AD9271 Datasheet HTML 53Page - Analog Devices AD9271 Datasheet HTML 54Page - Analog Devices AD9271 Datasheet HTML 55Page - Analog Devices AD9271 Datasheet HTML 56Page - Analog Devices AD9271 Datasheet HTML 57Page - Analog Devices AD9271 Datasheet HTML 58Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 56 / 58 page
background image
AD9271
Preliminary Technical Data
Rev. PrA | Page 56 of 58
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MS-026-AED-HD
0.27
0.22
0.17
1
25
26
50
76
100
75
51
14.00 BSC SQ
16.00 BSC SQ
0.50 BSC
LEAD PITCH
0.75
0.60
0.45
1.20
MAX
1
25
26
50
76
100
75
51
1.05
1.00
0.95
0.20
0.09
0.08 MAX
COPLANARITY
VIEW A
ROTATED 90° CCW
SEATING
PLANE
0° MIN
7°
3.5°
0°
0.15
0.05
VIEW A
PIN 1
TOP VIEW
(PINS DOWN)
BOTTOM VIEW
(PINS UP)
9.50 SQ
EXPOSED
PAD
NOTES:
THE PACKAGE HAS A CONDUCTIVE HEAT SLUG TO HELP DISSIPATE HEAT AND ENSURE RELIABLE OPERATION OF
THE DEVICE OVER THE FULL INDUSTRIAL TEMPERATURE RANGE. THE SLUG IS EXPOSED ON THE BOTTOM OF
THE PACKAGE AND ELECTRICALLY CONNECTED TO CHIP GROUND. IT IS RECOMMENDED THAT NO PCB SIGNAL
TRACES OR VIAS BE LOCATED UNDER THE PACKAGE THAT COULD COME IN CONTACT WITH THE CONDUCTIVE
SLUG. ATTACHING THE SLUG TO A GROUND PLANE WILL REDUCE THE JUNCTION TEMPERATURE OF THE
DEVICE WHICH MAY BE BENEFICIAL IN HIGH TEMPERATURE ENVIRONMENTS.
Figure 78. 100-Lead Thin Quad Flat Package, Exposed Pad [TQFP_EP]
(SV-100-3)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature
Range
Package Description
Package
Option
AD9271BSVZ-501
−40°C to +85°C
100-Lead Thin Quad Flat Package, Exposed Pad [TQFP_EP]
SV-100-3
AD9271BSVZRL7-501
−40°C to +85°C
100-Lead Thin Quad Flat Package, Exposed Pad [TQFP_EP] Tape and Reel
SV-100-3
AD9271BSVZ-401
−40°C to +85°C
100-Lead Thin Quad Flat Package, Exposed Pad [TQFP_EP]
SV-100-3
AD9271BSVZRL7-401
−40°C to +85°C
100-Lead Thin Quad Flat Package, Exposed Pad [TQFP_EP] Tape and Reel
SV-100-3
AD9271BSVZ-251
−40°C to +85°C
100-Lead Thin Quad Flat Package, Exposed Pad [TQFP_EP]
SV-100-3
AD9271BSVZRL7-251
−40°C to +85°C
100-Lead Thin Quad Flat Package, Exposed Pad [TQFP_EP] Tape and Reel
SV-100-3
AD9271-50EBZ1
Evaluation Board
1 Z = Pb-free part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com