Electronic Components Datasheet Search
  English  ▼

X  

AD9271 Datasheet(PDF) 34 Page - Analog Devices

Part # AD9271
Description  Octal LNA/VGA/AAF/ADC and Crosspoint Switch
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9271 Datasheet(HTML) 34 Page - Analog Devices

Back Button AD9271 Datasheet HTML 30Page - Analog Devices AD9271 Datasheet HTML 31Page - Analog Devices AD9271 Datasheet HTML 32Page - Analog Devices AD9271 Datasheet HTML 33Page - Analog Devices AD9271 Datasheet HTML 34Page - Analog Devices AD9271 Datasheet HTML 35Page - Analog Devices AD9271 Datasheet HTML 36Page - Analog Devices AD9271 Datasheet HTML 37Page - Analog Devices AD9271 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 58 page
background image
AD9271
Preliminary Technical Data
Rev. PrA | Page 34 of 58
Table 13. Reference Settings
Selected
Mode
SENSE
Voltage
Resulting
VREF (V)
Resulting
Differential
Span (V p-p)
External
Reference
AVDD
N/A
2 × external
reference
Internal,
2 V p-p FSR
AGND to 0.2 V
1.0
2.0
Internal Reference Operation
A comparator within the AD9271 detects the potential at the
SENSE pin and configures the reference. If SENSE is grounded,
the reference amplifier switch is connected to the internal
resistor divider (see Figure 58), setting VREF to 1 V.
The REFT and REFB pins establish their input span of the ADC
core from the reference configuration. The analog input full-
scale range of the ADC equals twice the voltage at the reference
pin for either an internal or an external reference configuration.
1µF
0.1µF
VREF
SENSE
0.5V
REFT
0.1µF
0.1µF
4.7µF
0.1µF
REFB
SELECT
LOGIC
ADC
CORE
+
VIN–
VIN+
Figure 58. Internal Reference Configuration
1µF*
0.1µF*
VREF
SENSE
AVDD
0.5V
REFT
0.1µF
0.1µF
4.7µF
0.1µF
REFB
SELECT
LOGIC
ADC
CORE
+
VIN–
VIN+
EXTERNAL
REFERENCE
*OPTIONAL.
Figure 59. External Reference Operation
External Reference Operation
The use of an external reference may be necessary to enhance
the gain accuracy of the ADC or improve thermal drift charac-
teristics. Figure 61 shows the typical drift characteristics of the
internal reference in 1 V mode.
When the SENSE pin is tied to AVDD, the internal reference is
disabled, allowing the use of an external reference. The external
reference is loaded with an equivalent 6 kΩ load. An internal
reference buffer generates the positive and negative full-scale
references, REFT and REFB, for the ADC core. Therefore, the
external reference must be limited to a nominal of 1.0 V.
-25
-20
-15
-10
-5
0
5
00.5
11.5
2
2.5
33.5
Current Load (mA)
Figure 60. VREF Accuracy vs. Load, AD9271-50
-0.2
-0.18
-0.16
-0.14
-0.12
-0.1
-0.08
-0.06
-0.04
-0.02
0
0.02
-40
-20
0
204060
80
TEMPERATURE (oC)
Figure 61. Typical VREF Drift, AD9271-50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com