Electronic Components Datasheet Search
  English  ▼

X  

AD9271 Datasheet(PDF) 43 Page - Analog Devices

Part # AD9271
Description  Octal LNA/VGA/AAF/ADC and Crosspoint Switch
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9271 Datasheet(HTML) 43 Page - Analog Devices

Back Button AD9271 Datasheet HTML 39Page - Analog Devices AD9271 Datasheet HTML 40Page - Analog Devices AD9271 Datasheet HTML 41Page - Analog Devices AD9271 Datasheet HTML 42Page - Analog Devices AD9271 Datasheet HTML 43Page - Analog Devices AD9271 Datasheet HTML 44Page - Analog Devices AD9271 Datasheet HTML 45Page - Analog Devices AD9271 Datasheet HTML 46Page - Analog Devices AD9271 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 58 page
background image
Preliminary Technical Data
AD9271
Rev. PrA | Page 43 of 58
DEFAULT OPERATION AND JUMPER SELECTION
SETTINGS
The following is a list of the default and optional settings or
modes allowed on the AD9271 Rev. A evaluation board.
•
POWER: Connect the switching power supply that is
supplied in the evaluation kit between a rated 100 V ac
to 240 V ac wall outlet at 47 Hz to 63 Hz and P701.
•
AIN: The evaluation board is set up for a transformer-
coupled analog input with optimum 50 Ω impedance
matching out to 18 MHz (see Figure 66). For a different
bandwidth response, change the 22 pF capacitor at the
LNA (LI-x) analog input.
Figure 66. Evaluation Board Full Power Bandwidth
•
VREF: VREF is set to 1.0 V by tying the SENSE pin to
ground, R317. This causes the ADC to operate in 2.0 V p-p
full-scale range. A separate external reference option using
the ADR510 or ADR520 is also included on the evaluation
board. Populate R311 and R315 with 0 Ω resistors and
remove C307. Proper use of the VREF options is noted in
the Voltage Reference section.
•
RBIAS: RBIAS has a default setting of 10 kΩ (R301) to
ground and is used to set the ADC core bias current. To
further lower the core power (excluding the LVDS driver
supply), change the resistor setting. However, performance
of the ADC may degrade depending on the resistor chosen.
See RBIAS section for more information.
•
CLOCK: The default clock input circuitry is derived from a
simple transformer-coupled circuit using a high bandwidth
1:1 impedance ratio transformer (T401) that adds a very
low amount of jitter to the clock path. The clock input is
50 Ω terminated and ac-coupled to handle single-ended
sine wave types of inputs. The transformer converts the
single-ended input to a differential signal that is clipped
before entering the ADC clock inputs.
The evaluation board is already set up to be clocked from the
crystal oscillator, OSC401. This oscillator is a low phase noise
oscillator from Valpey Fisher (VFAC3-BHL-50MHz). If a
different clock source is desired, remove R403, set Jumper
J401 to disable the oscillator from running, and connect the
external clock source to the SMA connector, P401.
A differential LVPECL clock driver can also be used to
clock the ADC input using the AD9515 (U401). Populate
R406 and R407 with 0 Ω resistors and remove R415 and
R416 to disconnect the default clock path inputs. In addition,
populate C405 and C406 with a 0.1 μF capacitor and remove
C409 and C410 to disconnect the default cloth path outputs.
The AD9515 has many pin-strappable options that are set
to a default mode of operation. Consult the AD9515 data
sheet for more information about these and other options.
•
PDWN: To enable the power-down feature, short P303 to
the on position (AVDD) on the PDWN pin.
•
STDBY: To enable the standby feature, simply short P302
to the on position (AVDD) on the STDBY pin.
•
GAIN: To change the gain on the VGA, drive these pins
from 0 V to 1 V on J301. This changes the VGA gain from
0 dB to 30 dB. This feature can also be driven from the
R335 and R336 on-board resistive dividers by installing a
0 Ω resistor in R337.
•
Non-SPI Mode: For users who wish to operate the DUT
without using SPI, remove the jumpers on J501. This
disconnects the CSB, SCLK, and SDIO pins from the control
bus, allowing the DUT to operate in its simplest mode. Each
of these pins has internal termination and will float to its
respective level. Note that the device will only work in its
default condition.
•
CWD+,CWD−: To view muiltple CW outputs, jumper
together the appropriate outputs on P403 and P404. All
outputs are summed together on IOP and ION buses, fed
to a 1:4 impedance ratio transformer, and buffered so that
the user can view the output on a spectrum analyzer. This
can be configured to be viewed in single-ended mode
(default) or in differential mode. To set the voltage for the
appropriate number of channels to be summed, change the
value of R447 and R448 on the primary transformer
(T402).
•
D+, D−: If an alternative data capture method to the setup
described in Figure 67 is used, optional receiver terminations,
R318, R320 to R330, can be installed next to the high speed
backplane connector.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com