Electronic Components Datasheet Search
  English  ▼

X  

ACT88321 Datasheet(PDF) 7 Page - Qorvo, Inc

Part # ACT88321
Description  Advanced PMIC with 3 Bucks, 2 LDOs, and Load Bypass Switches
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88321 Datasheet(HTML) 7 Page - Qorvo, Inc

Back Button ACT88321 Datasheet HTML 3Page - Qorvo, Inc ACT88321 Datasheet HTML 4Page - Qorvo, Inc ACT88321 Datasheet HTML 5Page - Qorvo, Inc ACT88321 Datasheet HTML 6Page - Qorvo, Inc ACT88321 Datasheet HTML 7Page - Qorvo, Inc ACT88321 Datasheet HTML 8Page - Qorvo, Inc ACT88321 Datasheet HTML 9Page - Qorvo, Inc ACT88321 Datasheet HTML 10Page - Qorvo, Inc ACT88321 Datasheet HTML 11Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 55 page
background image
ACT88321
Advanced PMIC with 3 Bucks, 2 LDOs, and Load Bypass Switches
Datasheet Rev. D , June 17, 2022 | Subject to change without notice
7 of 55
www.qorvo.com
®
ABSOLUTE MAXIMUM RATINGS (NOTE1)
PARAMETER
VALUE
UNIT
All Power pins except PGND1, PGND2, PGND3, AGND
-0.3 to 6
V
SDA, SCL, GPIOx, FBx, & LDOx
-0.3 to 5.7
V
Grounds: Any PGND referenced to AGND
-0.3 to +0.3
V
SW_Bx to PGNDx
-1 to VIN_Bx + 1
V
FB_Bx to PGNDx
-0.3 to AVIN + 0.3
V
LDO1 to AGND
-0.3 to VIN_LDO + 0.3
V
LDO2 to AGND
-0.3 to AVIN + 0.3
V
Junction to Ambient Thermal Resistance, CSP (Note2)
37
°C/W
Operating Junction Temperature
-40 to 150
°C
Storage Temperature
-55 to 150
°C
HBM ESD
2000
V
MSL Rating
1
Note1: Do not exceed these limits to prevent damage to the device. Exposure to absolute maximum rating conditions for long periods may affect
device reliability.
Note2: Measured on Qorvo Evaluation Kit
RECOMMENDED OPERATING CONDITIONS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AVIN, VIN_B1, VIN_B2, VIN_B3 (Note1)
2.7
5.5
V
VIN_LDO
LDO Mode
1.62
5.5
V
NLSW Mode
0.4
3
V
PLSW Mode
1.62
AVIN
V
Operating Junction Temperature
-40
125
°C
Note1: AVIN must always be the highest input voltage to the IC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com