Electronic Components Datasheet Search
  English  ▼

X  

ACT88321 Datasheet(PDF) 34 Page - Qorvo, Inc

Part # ACT88321
Description  Advanced PMIC with 3 Bucks, 2 LDOs, and Load Bypass Switches
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88321 Datasheet(HTML) 34 Page - Qorvo, Inc

Back Button ACT88321 Datasheet HTML 30Page - Qorvo, Inc ACT88321 Datasheet HTML 31Page - Qorvo, Inc ACT88321 Datasheet HTML 32Page - Qorvo, Inc ACT88321 Datasheet HTML 33Page - Qorvo, Inc ACT88321 Datasheet HTML 34Page - Qorvo, Inc ACT88321 Datasheet HTML 35Page - Qorvo, Inc ACT88321 Datasheet HTML 36Page - Qorvo, Inc ACT88321 Datasheet HTML 37Page - Qorvo, Inc ACT88321 Datasheet HTML 38Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 55 page
background image
ACT88321
Advanced PMIC with 3 Bucks, 2 LDOs, and Load Bypass Switches
Datasheet Rev. D , June 17, 2022 | Subject to change without notice
34 of 55
www.qorvo.com
®
Step-down DC/DC Converters
General Description
The ACT88321 contains three fully integrated step-
down converters. Buck1/2 are 4A outputs, while Buck3
is a 2A output. Buck1 is a fixed frequency, current mode
controlled, synchronous PWM converter that achieves
peak efficiencies of up to 96.5%. Buck1 switches at
1.125MHz or 2.25MHz. Buck2/3 are ACOT mode con-
trolled. All bucks are internally compensated, requiring
only three small external components (Cin, Cout, and L)
for operation. They ship with default output voltages that
can be modified via the I2C interface for systems that
require advanced power management functions.
Each buck converter has a dedicated input pin and
power ground pin. Each buck converter must have a
dedicated input capacitor that is optimally placed to min-
imize its power routing loops. Note that even though
each buck converter has separate inputs, all buck con-
verter inputs must be connected to the same voltage
potential.
Buck1 is configurable as a bypass switch for systems
with a 3.3V bus voltage. The bypass switch provides full
sequencing capability by allowing the 3.3V bus to be
used as the input to the other supplies and still be
properly sequenced to the downstream load.
The ACT88321 buck regulators are highly configurable
and can be quickly and easily reconfigured via I2C. This
allows them to support changes in hardware require-
ments without the need for PCB changes. Examples of
I2C functionality are given below:
Real-time power good, OV, and current limit status
Ability to mask individual faults
Dynamically change output voltage
On/Off control
Softstart ramp
DVS Slew rate control
Switching delay and phase control
Low power mode
Overcurrent thresholds
Refer to Qorvo’s Register Map Definition application
note for full details on I2C functionality and programming
ranges.
Operating Mode – Buck1
By default, Buck1 operates in fixed-frequency PWM
mode at medium to heavy loads, then transitions to dis-
continuous conduction mode, DCM, at light loads to
save power. DCM mode reduces conduction losses by
preventing the inductor current from going negative.
To further optimize efficiency and reduce power losses
at extremely light loads, an additional lower power mode,
LPM, is available. LPM minimizes quiescent current in
between switching cycles. This reduces input current to
approximately 40µA in LPM mode. Light load output
voltage ripple increases from approximately 5mV to
10mV when in LPM mode. Light load voltage droop
when going from light load to heavier loads is only in-
creased by 2-3mV when in LPM mode. LPM allows the
customer to test the IC in their use case and optimize
the balance between power consumption, voltage ripple,
and transient response in their system. Setting DISLPM
= 0 enables LPM while setting DISLPM = 1 disables
LPM.
BUCK1 ULPM
The ACT88321 incorporates an ultra-low power mode,
ULPM, that provides significant efficiency improve-
ments at very light loads. This improvement can be as
much as 8% with a 2mA load. ULPM mode reduces the
buck converters quiescent current from ~40µA to ~10µA.
ULPM mode helps systems like SSDs achieve very low
power loss at extremely light loads, which is a require-
ment in their standby modes. ULPM mode regulates the
output voltage between 99% to 101% of the setpoint.
When the output voltage increases to 101%, the buck
converter shuts down to save quiescent current until the
output voltage drops to 99%. It then turns back on and
increases the output voltage to 101% again. ULPM
mode should only be used when the load current is less
than 50mA. With higher load currents, the output volt-
age drop can trigger UVLO before the converter can re-
act. Using it with greater than 50mA results in much
lower efficiencies than standard PWM or LPM mode op-
eration. Note that ULPM mode must be manually ena-
bled after entering SLEEP/DPSLP mode and disabled
before leaving SLEEP/DPSLP mode. After entering
SLEEP or DPSLP modes and the load current has
dropped, enable ULPM by setting DIS_LPM=0. Change
DIS_LPM back to 1 before leaving SLEEP or DPSLP
mode or before increasing the output current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com