Electronic Components Datasheet Search
  English  ▼

X  

ACT88321 Datasheet(PDF) 31 Page - Qorvo, Inc

Part # ACT88321
Description  Advanced PMIC with 3 Bucks, 2 LDOs, and Load Bypass Switches
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88321 Datasheet(HTML) 31 Page - Qorvo, Inc

Back Button ACT88321 Datasheet HTML 27Page - Qorvo, Inc ACT88321 Datasheet HTML 28Page - Qorvo, Inc ACT88321 Datasheet HTML 29Page - Qorvo, Inc ACT88321 Datasheet HTML 30Page - Qorvo, Inc ACT88321 Datasheet HTML 31Page - Qorvo, Inc ACT88321 Datasheet HTML 32Page - Qorvo, Inc ACT88321 Datasheet HTML 33Page - Qorvo, Inc ACT88321 Datasheet HTML 34Page - Qorvo, Inc ACT88321 Datasheet HTML 35Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 55 page
background image
ACT88321
Advanced PMIC with 3 Bucks, 2 LDOs, and Load Bypass Switches
Datasheet Rev. D , June 17, 2022 | Subject to change without notice
31 of 55
www.qorvo.com
®
configured as an input to the nRESET output. This pre-
vents a regulator’s POK signal from triggering nRESET
when the regulator is commanded by the user to turn off
The ACT88321 RSTI_BY_POK (register 0xAE, bit 7) bit
defines this functionality. For outputs that are configured
to control the nRESET functionality (RST=1), if
RSTI_BY_POK=0 and the output is turned off, that out-
put does not assert nRESET low. If RSTI_BY_POK=1
and the output is turned off, it does assert nRESET low.
A regulator’s POK signal is typically low only from the
time when it is enabled (enable to the regulator goes
high) to the time when the output reaches 90% or higher
of the final output voltage. nRESET can be reconfigured
to any GPIO pin.
EXT_EN
The EXT_EN is a GPIO output function that is used to
enable an external power supply. This function is useful
for incorporating external power supplies into the overall
system level startup sequencing. The EXT_EN output
can be triggered by one of the regulator’s POK signals.
It can be programmed with a 0, 1, 5, or 10ms delay time
using the GPIOx’s I2C bits IOx_DLY in registers 0x0Bh
and 0x0Ch.
EXT_PG
The EXT_PG is a GPIO input function that is used to
determine that an external power supply has turned on
and its output voltage is in regulation. This function is
useful for incorporating external power supplies into the
overall system level startup sequencing. The EXT_PG
output can be used as an input trigger to turn on one of
the ACT88321 regulators.
POK
Any regulator’s internal POK bit can be connected to a
GPIO to provide an external POK signal. The POK func-
tion indicates that a regulator’s output voltage is in reg-
ulation.
ROM Mode
In SSD applications, there is a chance the firmware,
which is stored in the flash, is not loaded properly. In
this situation, the SSD fails to startup and work properly.
The SSD core must be put back into ROM mode to at-
tempt a restart. In some systems, this requires recycling
power, removing and reinserting the SSD card, or man-
ually shorting pins on the SSD module.
ACT88321 includes a ROM Mode feature that signifi-
cantly simplifies this process at a system level. The
ACT88321 ROM Mode forces the SSD core to stay in
its ROM state if it does not power up properly.
Figure 6 shows how ROM Mode is implemented. One
GPIO is configured as the input for the ISP Ready signal,
which is an output from the SSD core after the system
powers up. Another GPIO is configured as output for the
ROM state signal. After the ACT88321 startup se-
quence completes, the ACT88321 deasserts its nRE-
SET output and an internal watchdog timer starts mon-
itoring the ISP Ready input signal (active high) to make
sure system powers up successfully. If the ISP Ready
input is not asserted within 7s (configurable to 7s or 20s),
the ACT88321 starts the ROM mode. It turns off all reg-
ulator outputs, asserts nRESET low, and asserts the
ROM_Only signal low. After a 100ms (configurable be-
tween 100ms and 250ms) delay, the ACT88321 restarts
the power up sequence. The ROM_Only output stays
asserted low until nRESET is de-asserted high to make
sure the SSD core stays in the ROM state when pow-
ered up.
ROM mode is only activated after nRESET is deas-
serted. I2C bit NVM ROM_EN enables ROM mode. If
the SSD driver needs to enter a power save mode be-
fore the 7s watchdog timer expires, the host needs to
disable ROM mode before entering the power save
mode to avoid the potential risk of activating the
ROM_Only and nRESET outputs.
Watchdog Timer
The ACT88321 contains a watchdog timer to detect sys-
tem level communication failures. The watchdog timer
requires the host to periodically perform an I2C read or
write before the 7.4s watchdog timer expires. If I2C bit
WD_ALERT_MSK = 0 when the timer expired, nIRQ is
immediately pulled low and stays low until the
WD_ALERT bit is read.
If the I2C bit WDSREN = 1 when the timer expires, the
IC waits 800ms and then pulls the nRESET pin low for
20ms. Note that this does not affect the status of any
output voltages.
If the I2C bit WDPCEN = 1 when the timer expires, the
IC waits 800ms and then turns all outputs off for 500ms
before restarting the system. Note that all registers are
reset to their default startup values.
If the host performs an I2C read or write after the 7.4s
timeout but before nRESET is pulled low or the outputs
are turned off, the watchdog timer is reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com