Electronic Components Datasheet Search
  English  ▼

X  

ACT88321 Datasheet(PDF) 27 Page - Qorvo, Inc

Part # ACT88321
Description  Advanced PMIC with 3 Bucks, 2 LDOs, and Load Bypass Switches
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88321 Datasheet(HTML) 27 Page - Qorvo, Inc

Back Button ACT88321 Datasheet HTML 23Page - Qorvo, Inc ACT88321 Datasheet HTML 24Page - Qorvo, Inc ACT88321 Datasheet HTML 25Page - Qorvo, Inc ACT88321 Datasheet HTML 26Page - Qorvo, Inc ACT88321 Datasheet HTML 27Page - Qorvo, Inc ACT88321 Datasheet HTML 28Page - Qorvo, Inc ACT88321 Datasheet HTML 29Page - Qorvo, Inc ACT88321 Datasheet HTML 30Page - Qorvo, Inc ACT88321 Datasheet HTML 31Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 55 page
background image
ACT88321
Advanced PMIC with 3 Bucks, 2 LDOs, and Load Bypass Switches
Datasheet Rev. D , June 17, 2022 | Subject to change without notice
27 of 55
www.qorvo.com
®
Sequencing
The ACT88321 provides the end user with extremely
versatile sequencing capability that can be optimized for
many different applications. Each of the five outputs has
five basic sequencing parameters: input trigger, turn-on
delay, turn-off delay, softstart time, and output voltage.
Each of these parameters is controlled via the ICs inter-
nal registers. Contact Qorvo for custom sequencing
configurations. Refer to the Qorvo Application Note de-
scribing the Register Map for full details on I2C function-
ality and programming ranges.
Turn on and Turn off Options. The ACT88321 pro-
vides several options for enabling the IC. These include
automatic power up when input power is applied as well
as power up with a digital input signal to a GPIO. The
GPIO can be configured to latch the IC on with an input
pulse or to be level triggered. Once powered on, the IC
can be turned off with either the GPIO or an I2C com-
mand.
Input trigger. The input trigger for a regulator is the
event that turns that regulator on. Each output can have
a separate input trigger. The input trigger can be the in-
ternal power ok (POK) signal from one of the other reg-
ulators, the internal VIN POK signal, or an external sig-
nal applied to a GPIO. This flexibility allows a wide
range of sequencing possibilities, including having
some of the outputs be sequenced with another external
power supply or a control signal from the host. As an
example, if the LDO1 input trigger is Buck1, LDO1 will
not turn on until Buck1 is in regulation. Input triggers are
defined at the factory and can be changed with a cus-
tom CMI configuration. The GPIOs can be internally
connected to a power supply’s internal POK signal and
used as an output to turn on external supplies in the
overall sequencing scheme.
Turn-on Delay. The turn-on delay is the time between
an input trigger going active and the output starting to
turn on. Each output’s turn-on delay is configured via its
I2C bit ON_DELAY. Turn-on delays can be changed af-
ter the IC is powered on, but they are volatile and reset
to the factory defaults when power is recycled.
Turn-off Delay. The turn-off delay is the time between
the input trigger for SLEEP or DPSLP Mode being as-
serted and when each output starts to turn off. Each out-
put’s turn-off delay is configured via its I2C bit OFF_DE-
LAY. Turn-off delays can be changed after the IC is
powered on, but they are volatile and reset to the factory
defaults when power is recycled.
Softstart Time. The softstart time is the time it takes an
output to ramp from 10% to 90% to its programmed volt-
age. Each output’s softstart time is configured sepa-
rately via its I2C softstart bits. Softstart times can be
changed after the IC is powered on, but they are volatile
and reset to the factory defaults when power is recycled.
Output Voltage. Each buck’s output voltage is pro-
grammed via its I2C bits Bx_VSET0 and Bx_VSET1.
Note that in all conditions Bx_VSET0 must be pro-
grammed to a higher voltage than Bx_VSET1. Buck2
regulates to its B2_VSET0 voltage in ACTIVE mode. It
can be programmed to regulate to B2_VSET1 in DVS
mode, SLEEP state or by a GPIO input. Buck2 can
change between B2_VSET0 and B2_VSET1 on-the-fly.
Buck1/3 cannot change between Bx_VSET0 and
Bx_SET1 on-the-fly. Typically, Buck1/3 operate at the
Bx_VSET0 voltage. If a system requires two different
voltage options, a GPIO can be programmed as a volt-
age pinstrap input. The pinstrap input must be set be-
fore the output is enabled. The pinstrap input cannot be
changed while the converter is running. If the input is a
logic L, Buck1/3 operates from Bx_VSET0 and if the in-
put is a logic H, Buck1/3 operate from VSET1. This po-
larity can be reversed. The LDOs only have a single reg-
ister, LDOx_VSET, to set their output voltage.
Each output’s Bx_VSET0 and Bx_VSET1 voltage can
be changed via I2C after the IC is powered on, but the
new setting is volatile and is reset to the factory defaults
when power is recycled. All bucks and LDO output volt-
ages can be changed on-the-fly by writing a new value
into their I2C registers. The Buck1 and Buck3 output
voltage should only be changed by the minimum step
size for each I2C write. The Buck2, LDO1, and LDO2
output voltages can be changed with larger step sizes,
but Qorvo recommends minimizing the step size
change to prevent the IC from detecting an instantane-
ous over or under voltage condition due to fault thresh-
olds being immediately changed, but output voltage tak-
ing time to respond.
Dynamic Voltage Scaling
On-the-fly dynamic voltage scaling (DVS) for Buck2 is
available via the I2C interface. Note that Buck1/3 output
voltage cannot be changed on-the-fly. DVS allows sys-
tems to save power by quickly adjusting the micropro-
cessor performance level when the workload changes.
Note that DVS is not a different operating state. The IC
operates in the ACTIVE state, but just regulates the out-
puts to a different voltage. For fault free operation, the
user must ensure output load conditions plus the current
required to charge the output capacitance during a DVS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com