Electronic Components Datasheet Search
  English  ▼

X  

ACT88321 Datasheet(PDF) 40 Page - Qorvo, Inc

Part # ACT88321
Description  Advanced PMIC with 3 Bucks, 2 LDOs, and Load Bypass Switches
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88321 Datasheet(HTML) 40 Page - Qorvo, Inc

Back Button ACT88321 Datasheet HTML 36Page - Qorvo, Inc ACT88321 Datasheet HTML 37Page - Qorvo, Inc ACT88321 Datasheet HTML 38Page - Qorvo, Inc ACT88321 Datasheet HTML 39Page - Qorvo, Inc ACT88321 Datasheet HTML 40Page - Qorvo, Inc ACT88321 Datasheet HTML 41Page - Qorvo, Inc ACT88321 Datasheet HTML 42Page - Qorvo, Inc ACT88321 Datasheet HTML 43Page - Qorvo, Inc ACT88321 Datasheet HTML 44Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 55 page
background image
ACT88321
Advanced PMIC with 3 Bucks, 2 LDOs, and Load Bypass Switches
Datasheet Rev. D , June 17, 2022 | Subject to change without notice
40 of 55
www.qorvo.com
®
retains overcurrent protection. Overvoltage and un-
dervoltage protection are disabled.
In load switch mode, LDO1 has two operating options:
NLSW and PLSW modes. In NLSW mode, the load
switch is an n-ch FET. NLSW mode is used with an in-
put voltage between 0.4V and AVIN-1V. Due to the
lower n-ch FET Rdson, NLSW mode can operate with
up to 1A of bypass current while maintaining a low volt-
age drop. The NLSW current limit is set to 0.65A or
1.11A by the NLSW1_ILIM_SCL I2C bit.
In PLSW mode, the load switch is a p-ch FET. It can
operate with an input voltage between 1.62V and AVIN.
The PLSW current limit is set to 0.33A or 0.48A by the
ILIM_SCL_LDO1 I2C bit.
NLSW and PLSW modes can only be fixed at the fac-
tory.
NLSW mode has a fixed 200µs softstart time. PLSW
mode relies on the current limit setting for softstart.
The LDO1 POK is functional in Load Switch mode. The
POK signal is asserted when the switch is enabled and
is not in current limit. In bypass mode, the over voltage
protection is set at 3.8V with a 10us deglitch time. If
VIN_LDO goes above 3.8V, the load switch is turned off
and retries after 100ms.
Unused LDO Outputs
If LDO1 is not used, connect the VIN_LDO pin to either
GND or AVIN. Connect the LDO1 output to AGND. The
input and output capacitors are not needed.
If LDO2 is not used, connect the LDO1 output to AGND.
The output capacitor is not needed, but the AVIN input
capacitor is still needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com