Electronic Components Datasheet Search
  English  ▼

X  

ACT88321 Datasheet(PDF) 26 Page - Qorvo, Inc

Part # ACT88321
Description  Advanced PMIC with 3 Bucks, 2 LDOs, and Load Bypass Switches
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88321 Datasheet(HTML) 26 Page - Qorvo, Inc

Back Button ACT88321 Datasheet HTML 22Page - Qorvo, Inc ACT88321 Datasheet HTML 23Page - Qorvo, Inc ACT88321 Datasheet HTML 24Page - Qorvo, Inc ACT88321 Datasheet HTML 25Page - Qorvo, Inc ACT88321 Datasheet HTML 26Page - Qorvo, Inc ACT88321 Datasheet HTML 27Page - Qorvo, Inc ACT88321 Datasheet HTML 28Page - Qorvo, Inc ACT88321 Datasheet HTML 29Page - Qorvo, Inc ACT88321 Datasheet HTML 30Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 55 page
background image
ACT88321
Advanced PMIC with 3 Bucks, 2 LDOs, and Load Bypass Switches
Datasheet Rev. D , June 17, 2022 | Subject to change without notice
26 of 55
www.qorvo.com
®
RESET
POWER ON
(Active)
Thermal Fault
Thermal Shutdown
Fault & DIS_OTS = 0
SLEEP
Clears all registers and
defaults to original NVM
settings in RESET state
VIN_OV or VIN_UV or
WD_EXPIRE in any state
puts the IC in RESET state
Example for a typical configuration.
Other transitions are possible with factory
programmed configurations.
DPSLP
(Deep Sleep)
Follow SLEEP/DPSLP Table
Follow SLEEP/
DPSLP Table
DIS OVUV = 0 &
Mask = 0
Clear DPSLP & SLEEP bits
if set to 1 upon entering
OVUV Fault State
Clear DPSLP & SLEEP bits
if set to 1 upon entering
Thermal Fault State
VIN_OK
UV < VIN < OV
Follow SLEEP/
DPSLP Table
Follow SLEEP/DPSLP Table
VIN_NOT_OK
UV> VIN > OV
Follow SLEEP/
DPSLP Table
OVUV Fault Retry
Timer (100ms)
Power
Sequence Start
OVUV Fault
Thermal Fault
Cleared
Figure 4: State Machine



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com