Electronic Components Datasheet Search
  English  ▼

X  

ACT88321 Datasheet(PDF) 37 Page - Qorvo, Inc

Part # ACT88321
Description  Advanced PMIC with 3 Bucks, 2 LDOs, and Load Bypass Switches
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88321 Datasheet(HTML) 37 Page - Qorvo, Inc

Back Button ACT88321 Datasheet HTML 33Page - Qorvo, Inc ACT88321 Datasheet HTML 34Page - Qorvo, Inc ACT88321 Datasheet HTML 35Page - Qorvo, Inc ACT88321 Datasheet HTML 36Page - Qorvo, Inc ACT88321 Datasheet HTML 37Page - Qorvo, Inc ACT88321 Datasheet HTML 38Page - Qorvo, Inc ACT88321 Datasheet HTML 39Page - Qorvo, Inc ACT88321 Datasheet HTML 40Page - Qorvo, Inc ACT88321 Datasheet HTML 41Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 55 page
background image
ACT88321
Advanced PMIC with 3 Bucks, 2 LDOs, and Load Bypass Switches
Datasheet Rev. D , June 17, 2022 | Subject to change without notice
37 of 55
www.qorvo.com
®
component selection and optimize transient perfor-
mance over their full operating range. No compensation
design is required; simply follow a few simple guidelines
described below when choosing external components.
Minimum On-Time
The ACT88321 Buck1 minimum on-time is 85ns and the
Buck2/3 minimum on-time is 40ns. If the calculated on-
time is less than the allowable minimum, then the user
must configure the converter to switch at a lower fre-
quency. For Buck1, setting I2C bit HalfFreq = 0 sets Fsw
= 2.25MHz and setting it to 1 sets Fsw = 1.125MHz. For
Buck2/3, the I2C FREQ_SEL bits set Fsw to 1.5MHz,
2.0MHz, 2.5MHz, or 3.3MHz. The following equation
calculates the on-time.
������������������������������������= ������������������������������������������������
������������������������������������∗������������������������������������
Where Vout is the output voltage, Vin is the input voltage,
and FSW is the switching frequency.
BUCK1 Bypass Switch
The ACT88321 provides a bypass mode for 3.3V sys-
tems. This allows the 3.3V input voltage to power the
ACT88321 regulators and be sequenced to the down-
stream loads. In bypass mode, the Buck1 P-ch FET acts
as a switch and the N-ch FET is disabled. The bypass
switch turns on the 3.3V rail with the programmed delay
and softstart time.
In bypass mode, the ACT88321 Buck1 I2C registers are
reconfigured to the following settings.
1.
POK register bit is reconfigured to be the output
of the Soft Start ramp. When soft start is com-
plete and the voltage on the SW1 pin reaches
VIN_B1-200mV, this bit goes high to allow the
sequencing of the other regulators to continue.
The POK bit no longer reports the Buck1 output
voltage status.
2.
ILIM register bit is reconfigured to be the output
of the internal PMOS Current Detection circuit.
This is set to 4.5A typical. If the bypass current
exceeds the Internal PMOS Current Detection
current, ILIM triggers the nIRQ output and gets
latched in the ILIM0 bit if IRQ_nMASK = 1 (not
masked). Overcurrent can also be masked with
the
ILIM_FLTMSK
register.
Note
that
ILIM_FLTMSK,
ILIM_WARN_FLTMSK,
OV_FLTMSK and UV_FLTMSK default to 1
(masked) at power up. The user can un-mask
faults by setting these bits to 0 via I2C.
3.
The POK register bit is reconfigured to the out-
put of the Internal PMOS circuit. The voltage
threshold is set to VIN_B1-200mV rising and
VIN_B1-300mV falling. If the bypass switch out-
put goes below this value, it triggers an under-
voltage fault condition and moves the IC into
the OVUVFLT state. This immediately shuts
down all regulators including the bypass switch.
The system restarts in 100ms, following the
programmed startup sequencing. This fault is
disabled by default but can be enabled by set-
ting the I2C bit UV_FLTMSK = 0.
Note that in bypass mode, the overvoltage protection is
set to 3.8V with a 10µs deglitch time. If AVIN goes
above 3.8V, the bypass switch is turned off and retries
after 100ms If OV_FLTMSK=0 and DISOVUVSD=0
Buck1 can be configured to enter bypass mode with a
GPIO pin. With this configuration, the GPIO is called the
MODE pin. Pulling MODE low puts Buck1 in Buck mode.
Pulling MODE high puts Buck1 in bypass mode. Note
that the MODE pin must be fixed either high or low at
startup and that it cannot be changed on-the-fly.
Input Capacitor Selection
Each regulator requires a high quality, low-ESR,
ceramic input capacitor. Note that even though each
buck converter has separate input pins, all input pins
must be connected to the same voltage potential. 10µF
capacitors are typically suitable, but this value can
be increased without limit. Smaller capacitor values
can be used with lighter output loads. Choose the input
capacitor value to keep the input voltage ripple less
than 50mV.
Vripple=������������������������������������������������∗������������������������������������������������������������������������������������∗�1−�������������������������������������������������������������������������������������
������������������������������������∗������������������������������������
Be sure to consider the capacitor’s DC bias effects and
maximum ripple current rating when using capacitors
smaller than 0805.
A capacitor’s actual capacitance is strongly affected by
its DC bias characteristics. The input capacitor is
typically an X5R, X7R, or similar dielectric. Use of Y5U,
Z5U, or similar dielectrics is not recommended. Input
capacitor placement is critical for proper operation.
Each buck’s input capacitor must be placed as close to
the IC as possible. The traces from VIN_Bx to the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com