Electronic Components Datasheet Search
  English  ▼

X  

ACT88321 Datasheet(PDF) 12 Page - Qorvo, Inc

Part # ACT88321
Description  Advanced PMIC with 3 Bucks, 2 LDOs, and Load Bypass Switches
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88321 Datasheet(HTML) 12 Page - Qorvo, Inc

Back Button ACT88321 Datasheet HTML 8Page - Qorvo, Inc ACT88321 Datasheet HTML 9Page - Qorvo, Inc ACT88321 Datasheet HTML 10Page - Qorvo, Inc ACT88321 Datasheet HTML 11Page - Qorvo, Inc ACT88321 Datasheet HTML 12Page - Qorvo, Inc ACT88321 Datasheet HTML 13Page - Qorvo, Inc ACT88321 Datasheet HTML 14Page - Qorvo, Inc ACT88321 Datasheet HTML 15Page - Qorvo, Inc ACT88321 Datasheet HTML 16Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 55 page
background image
ACT88321
Advanced PMIC with 3 Bucks, 2 LDOs, and Load Bypass Switches
Datasheet Rev. D , June 17, 2022 | Subject to change without notice
12 of 55
www.qorvo.com
®
BUCK1 ELECTRICAL CHARACTERISTICS, REGULATOR:
(VIN_B1 = 3.3V, Tj = -40°C to +125°C, unless otherwise specified.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Operating Voltage Range
2.7
5.5
V
Output Voltage Range
Configured for 25mV steps
0.6
3.775
V
Maximum Output Current (Note1)
4
A
Maximum Operation Duty Cycle
99
%
Supply Current, Standby
Low Power Mode Enabled
Regulator Only, No Load (VOUT = VSET*1.05)
40
µA
ULPM Mode Enabled
Regulator Only, No Load (VOUT =
VSET*1.05), IC is in SLEEP or DEEP SLEEP
Mode.
10
µA
Supply Current, Shutdown
Regulator Disabled (Note2)
0.1
1
µA
Regulator Disabled
0.1
7.5
uA
Output Voltage Accuracy – PWM
(Note2)
Default output voltage, IOUT = 2A
-1
VNOM
1
%
Output Voltage Accuracy – PWM
Default output voltage, IOUT = 2A
-1.5
VNOM
1.5
%
Output Voltage Accuracy – PFM
(Note2)
Default output voltage, IOUT = 1mA, Average
Ripple Voltage
-1
VNOM
1
%
Output Voltage Accuracy – PFM
Default output voltage, IOUT = 1mA, Average
Ripple Voltage
-1.5
VNOM
1.5
%
Line Regulation
Default output voltage, VIN_B1 = 3.3V to 5.5V,
PWM mode
0.05
%/V
Load Regulation
Default output voltage, PWM Mode
0.05
%/A
Power Good Threshold
VOUT_B1 Rising
90
93
96
%VNOM
Power Good Hysteresis
VOUT_B1 Falling
3
%VNOM
Overvoltage Fault Threshold
VOUT_B1 Rising
107
110
113
%VNOM
Overvoltage Fault Hysteresis
VOUT_B1 Falling
3
%VNOM
Switching Frequency
2.00
2.25
2.36
MHz
1.00
1.125
1.18
MHz
Soft-Start Period – Programmable
10% to 90% VNOM
250
500
µs
Soft-Start Period
Variation from set point
-40
40
%
Internal High Side Peak Current
Limit (Cycle-by-Cycle) ILIMSET
B1_ILIMSET=0
B1_ILIMSET=1
3.8
5.0
A
Internal High Side Peak Current
Limit (Cycle-by-Cycle) Tolerance
At default ILIMSET
-25
ILIMSET
25
%
At other set points
-30
ILIMSET
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com