Electronic Components Datasheet Search
  English  ▼

X  

ACT88321 Datasheet(PDF) 48 Page - Qorvo, Inc

Part # ACT88321
Description  Advanced PMIC with 3 Bucks, 2 LDOs, and Load Bypass Switches
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88321 Datasheet(HTML) 48 Page - Qorvo, Inc

Back Button ACT88321 Datasheet HTML 44Page - Qorvo, Inc ACT88321 Datasheet HTML 45Page - Qorvo, Inc ACT88321 Datasheet HTML 46Page - Qorvo, Inc ACT88321 Datasheet HTML 47Page - Qorvo, Inc ACT88321 Datasheet HTML 48Page - Qorvo, Inc ACT88321 Datasheet HTML 49Page - Qorvo, Inc ACT88321 Datasheet HTML 50Page - Qorvo, Inc ACT88321 Datasheet HTML 51Page - Qorvo, Inc ACT88321 Datasheet HTML 52Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 55 page
background image
ACT88321
Advanced PMIC with 3 Bucks, 2 LDOs, and Load Bypass Switches
Datasheet Rev. D , June 17, 2022 | Subject to change without notice
48 of 55
www.qorvo.com
®
This section provides the basic default configuration settings for each available ACT88321 CMI option. IC functionality
in this section supersedes functionality in the main datasheet. Generating the desired functionality for a custom CMI
sometimes requires reassigning internal resources, resulting in removal of base IC functionality. The following sections
attempt to describe any removed functionality from the base IC functionality. The user is required to fully test all required
functionality to ensure the CMI fully meets their requirements.
CMI 101: ACT88321VU101-T
CMI 101 is optimized to show the many of the ICs functionality and it is intended to provide the user with a base IC for
initial testing. It is designed to operate from a 3.3V input voltage.
Voltage and Currents
Startup and Sequencing
Rail
Sequence Order
Sequencing Input Trigger
StartUp Delay (us)
Soft-Start (ms)
LDO1
1
VIN_UVLO
0
0.16
LDO2
2
LDO1
500
0.16
Buck2
3
LDO2
500
0.5
Buck1
4
Buck2
500
0.5
Buck3
5
Buck1
500
0.5
EXT_EN
n/a
n/a
n/a
n/a
Voltage Thresholds
Setting
Voltage
Threshold
UVLO
2.6V
SYSMON
2.7V
SYSWARN
2.7V
POK_OV
3.5V
VIN_OV
3.7V
Rail
Active Mode
Voltage
VSET0 (V)
DVS Voltage
VSET1(V)
DVS Voltage
Trigger
Sleep
Mode
DPSLP
Mode
Current
Limit (A)
Fsw (kHz)
Buck1
2.9
2.5
GPIO7
On
Off
5
2250
Buck2
0.9
0.75
GPIO2
On
VSET0
5
2000
Buck3
1.8
1.2
GPIO4
On
Off
3
2000
LDO1
PLSW-on
n/a
n/a
On
On
0.48
n/a
LDO2
1.8
n/a
n/a
On
On
0.50
n/a
EXT_EN
n/a
n/a
n/a
n/a
n/a
n/a
n/a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com