Electronic Components Datasheet Search
  English  ▼

X  

ACT88321 Datasheet(PDF) 32 Page - Qorvo, Inc

Part # ACT88321
Description  Advanced PMIC with 3 Bucks, 2 LDOs, and Load Bypass Switches
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88321 Datasheet(HTML) 32 Page - Qorvo, Inc

Back Button ACT88321 Datasheet HTML 28Page - Qorvo, Inc ACT88321 Datasheet HTML 29Page - Qorvo, Inc ACT88321 Datasheet HTML 30Page - Qorvo, Inc ACT88321 Datasheet HTML 31Page - Qorvo, Inc ACT88321 Datasheet HTML 32Page - Qorvo, Inc ACT88321 Datasheet HTML 33Page - Qorvo, Inc ACT88321 Datasheet HTML 34Page - Qorvo, Inc ACT88321 Datasheet HTML 35Page - Qorvo, Inc ACT88321 Datasheet HTML 36Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 55 page
background image
ACT88321
Advanced PMIC with 3 Bucks, 2 LDOs, and Load Bypass Switches
Datasheet Rev. D , June 17, 2022 | Subject to change without notice
32 of 55
www.qorvo.com
®
VCCF
VCCGQ33
VCCK
LDO_1.8V
VIN
VCCFQ
DDR
RESET
Timer Starts
Timer Expired
100ms
POR
State
ROM
State
ISP Ready
GPIO_IN
ROM Only
GPIO_OUT
7s
Power
Recycle
Figure 6: ROM State
GPIO Wake up Mode
All GPIOs can be configured to force the IC into and out
of DPSLP mode. Any number of GPIOs can be config-
ured for this functionality. Please see the DPSLP State
section for details.
Mode Function (Buck1 Bypass Mode)
A GPIO can be configured for the MODE function. Pull-
ing the MODE pin to ground configures Buck1 as a
switching converter. Pulling MODE pin high configures
Buck1 as a bypass switch. The MODE pin must be fixed
at power up and cannot be changed. The MODE func-
tion, when enabled by the IC’s CMI, allows a single IC
to support both operating modes. The customer can se-
lect one mode or the other by a resistor stuffing option.
Pin Descriptions
The ACT88321 input and output pins are configurable
via CMI configurations. The following descriptions refer
to the basic pin functions and capabilities. Refer to the
CMI Options section in the back of the datasheet for
specific pin functionality for each CMI.
VIN_Bx
VIN_Bx pins are the dedicated input power pins to the
buck converters. Each buck converter must be by-
passed directly to its PGNDx pin on the top PCB layer
with a high-quality ceramic capacitor. Refer to the Step-
down DC/DC Converters section for more details.
AVIN
AVIN is the input power to LDO2. It also powers the IC’s
analog circuitry. AVIN must be bypassed directly to
AGND on the top PCB layer with a 1uF ceramic capac-
itor. AVIN must be the highest voltage applied to the IC.
VIN_LDO
This is the dedicated input power to the LDO1.
VIN_LDO must be bypassed directly to AGND on the
top PCB layer with a 1uF ceramic capacitor.
GPIOx
The ACT88321 has 4 GPIO pins. The GPIOs allow a
variety of functions to be implemented. They can be
used as inputs or open drain outputs. The GPIOs do not
have push-pull functionality. Their polarity can also be
changed. These options allow implementation of a vari-
ety of system functions plus flexibility of functions tied to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com