Electronic Components Datasheet Search
  English  ▼

X  

ACT88321 Datasheet(PDF) 52 Page - Qorvo, Inc

Part # ACT88321
Description  Advanced PMIC with 3 Bucks, 2 LDOs, and Load Bypass Switches
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88321 Datasheet(HTML) 52 Page - Qorvo, Inc

Back Button ACT88321 Datasheet HTML 47Page - Qorvo, Inc ACT88321 Datasheet HTML 48Page - Qorvo, Inc ACT88321 Datasheet HTML 49Page - Qorvo, Inc ACT88321 Datasheet HTML 50Page - Qorvo, Inc ACT88321 Datasheet HTML 51Page - Qorvo, Inc ACT88321 Datasheet HTML 52Page - Qorvo, Inc ACT88321 Datasheet HTML 53Page - Qorvo, Inc ACT88321 Datasheet HTML 54Page - Qorvo, Inc ACT88321 Datasheet HTML 55Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 52 / 55 page
background image
ACT88321
Advanced PMIC with 3 Bucks, 2 LDOs, and Load Bypass Switches
Datasheet Rev. D , June 17, 2022 | Subject to change without notice
52 of 55
www.qorvo.com
®
CMI 112: ACT88329VU112-T
CMI 112 is optimized for the Atmel SAMA5D2 processor. The output voltages and sequencing are directly compatible
with the Atmel SAMA5D2 processor. CMI 112 is configured for a 5V input voltage. Refer to Qorvo’s Application Note,
“ATMEL SAMA5D2 Power Solution Using the AT88321 (AN130)” for additional details about how to use this PMIC to
power the SAMA5D2
The following tables describe the ACT88329VU112 IC settings.
Voltage and Currents
Rail
Active Mode
Voltage
VSET0 (V)
DVS Voltage
VSET1 (V)
DVS Input
Trigger
Sleep Mode
Voltage (V)
DPSLP Mode
Voltage (V)
Current
Limit (A)
Fsw
(kHz)
Buck1
3.3
3.3
n/a
ON
OFF
3.8
2250
Buck2
1.2
1.2
n/a
ON
OFF
3.8
2000
Buck3
1.8
1.5
n/a
ON
OFF
2.0
2000
LDO1
3.3
n/a
n/a
ON
OFF
0.4
n/a
LDO2
2.5
n/a
n/a
ON
OFF
0.4
n/a
EXT_EN
n/a
n/a
n/a
n/a
n/a
n/a
n/a
Startup and Sequencing
Rail
Sequence
Order
Sequencing
Input Trigger
StartUp
Delay (µs)
Soft-Start
(us)
Shutdown
Delay (us)
Buck1
1
GPIO4
1000
500
1000
LDO1
2
Buck1
1000
200
1000
Buck3
3
LDO1
1000
500
1000
LDO2
4
Buck3
1000
200
0
Buck2
5
Buck3
2000
500
1000
Voltage Thresholds
Setting
Voltage
Threshold
UVLO
3.5V
SYSMON
3.7V
SYSWARN
4.2V
POK_OV
5.6V
VIN_OV
5.81V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com