Electronic Components Datasheet Search
  English  ▼

X  

ACT88321 Datasheet(PDF) 36 Page - Qorvo, Inc

Part # ACT88321
Description  Advanced PMIC with 3 Bucks, 2 LDOs, and Load Bypass Switches
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88321 Datasheet(HTML) 36 Page - Qorvo, Inc

Back Button ACT88321 Datasheet HTML 32Page - Qorvo, Inc ACT88321 Datasheet HTML 33Page - Qorvo, Inc ACT88321 Datasheet HTML 34Page - Qorvo, Inc ACT88321 Datasheet HTML 35Page - Qorvo, Inc ACT88321 Datasheet HTML 36Page - Qorvo, Inc ACT88321 Datasheet HTML 37Page - Qorvo, Inc ACT88321 Datasheet HTML 38Page - Qorvo, Inc ACT88321 Datasheet HTML 39Page - Qorvo, Inc ACT88321 Datasheet HTML 40Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 55 page
background image
ACT88321
Advanced PMIC with 3 Bucks, 2 LDOs, and Load Bypass Switches
Datasheet Rev. D , June 17, 2022 | Subject to change without notice
36 of 55
www.qorvo.com
®
Because Buck2/3 operate in ACOT mode, they require
a minimum off-time every switching cycle. The required
off-time is 40ns. Buck3 has an additional option that al-
lows almost 100% duty cycle when VIN is close to
VOUT. This option, frequency foldback, starts increas-
ing the on-time when the input voltage drops below 125%
of the programmed output voltage. This effectively re-
duces the switching frequency. As the input voltage
drops, the on-time increases until it reaches the maxi-
mum allowable on-time of 3.5µs. This results in >98%
duty cycle with a switching frequency of 285kHz, which
supports very low dropout voltages. Enable this option
by setting EN_FRQ_FB_HDTY=1.
Dynamic Voltage Scaling
Buck2 supports Dynamic Voltage Scaling (DVS). DVS
allows the user to optimize the processor’s energy to
complete tasks by lowering the processor’s operating
frequency and input voltage when lower performance is
acceptable. In normal operation, each output regulates
to the voltage programmed in its I2C register VSET0.
During DVS, the output regulates to VSET1. The output
transitions from VSET0 to VSET1 at a rate determined
by the output capacitance and the load current. The out-
puts transition between VSET1 and VSET0 by the rate
determined by the I2C bits DVS_SET. VSET1 must al-
ways be set equal to or lower than VSET0.
For fault free operation, the user must ensure output
load conditions plus the current required to charge the
output capacitance during a DVS rising voltage condi-
tion does not exceed the current limit setting of the reg-
ulator. As with any power supply, changing an output
voltage too fast can require a current higher than the
current limit setting. The user must ensure that the volt-
age step, slew rate, and load current conditions do not
result in an instantaneous loading that results in a cur-
rent limit condition.
Optimizing Noise
The internal FET rise and fall times can be optimized to
minimize switching noise at the cost of lower efficiency
via the DRVADJ I2C bit.
Overcurrent and Short Circuit Protection
Each buck converter provides overcurrent and short cir-
cuit protection. Overcurrent protection is achieved with
cycle-by-cycle current limiting. The peak current thresh-
old is set by the ILIM_SET I2C bits.
For Buck1, if the peak switch current reaches the pro-
grammed threshold for 16 consecutive switching cycles,
the IC asserts the Buck1 ILIM_WARN bit and pulls nIRQ
low. A short circuit condition that results in the peak
switch current being 122% of the value set by ILIM_SET
immediately shuts down all supplies, asserts the ILIM
bit, and restarts the system in 100ms when EN_ILIM2
(0x4Dh[5])=1, ILIM_FLTMSK=0 and DISOVUVSD=0.
BUCK1 automatically tries to restart in 14ms if
EN_ILIM2=1 and its faults are masked.
For Buck2/3, if the peak switch current reaches the pro-
grammed threshold for 16 consecutive switching cycles,
the IC asserts the Buck2/3 ILIM bit and asserts nIRQ
low. If the short circuit condition lasts for 32 consecutive
switching cycles, the IC immediately shuts down all sup-
plies and restarts the system in 100ms. If Buck2 or
Buck3’s
EN_ILIMSD=1,
ILIM_FLTMSK=0
and
DISOVUVSD=0, the output automatically tries to restart
in 14ms if EN_ILIMSD=1 and it faults are masked.
When an overcurrent condition is reported in the ILIM
I2C registers, the contents of these registers are latched
until read via I2C. Overcurrent and short circuit condi-
tions can be masked via the I2C bit ILIM_FLTMSK. Note
that ILIM_FLTMSK, ILIM_WARN_FLTMSK, OV_FLT-
MSK and UV_FLTMSK default to 1 (masked) at power
up. The user can un-mask faults by setting these bits to
0 via I2C.
After a buck converter starts up (internal POK=1), if its
output voltage drops below the POK falling threshold
longer than the blanking time (~28µs to 56µs), the con-
verter enters foldback current mode. This reduces the
current limit to 1.25A to reduce output voltage overshoot
when the load current drops and the converter recovers
from the short circuit condition.
When the on-time is less than 120ns, the high side FET
overcurrent circuitry will not have enough time to react.
All buck converters include a low-side current limit set-
ting, to account for this condition. The low-side current
limit can only be enabled with a factory setting. When
this current limit threshold is reached, the low side FET
stays on until the inductor current decays lower than the
programmed current threshold. The high side FET can-
not turn on again until the low side FET current drops
below this value. The Buck1/2 low side overcurrent
thresholds are 3.8A when ILIM=0 and 5.0A when
ILIM=1. The Buck3 low side overcurrent threshold is
2.0A when ILIM=0 and 3.0A when ILIM=1. This function
also protects the inductor by preventing current runa-
way which could saturate the inductor.
Compensation
The buck converters utilize a proprietary internal com-
pensation scheme to simultaneously simplify external



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com