Electronic Components Datasheet Search
  English  ▼

X  

ACT88321 Datasheet(PDF) 35 Page - Qorvo, Inc

Part # ACT88321
Description  Advanced PMIC with 3 Bucks, 2 LDOs, and Load Bypass Switches
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88321 Datasheet(HTML) 35 Page - Qorvo, Inc

Back Button ACT88321 Datasheet HTML 31Page - Qorvo, Inc ACT88321 Datasheet HTML 32Page - Qorvo, Inc ACT88321 Datasheet HTML 33Page - Qorvo, Inc ACT88321 Datasheet HTML 34Page - Qorvo, Inc ACT88321 Datasheet HTML 35Page - Qorvo, Inc ACT88321 Datasheet HTML 36Page - Qorvo, Inc ACT88321 Datasheet HTML 37Page - Qorvo, Inc ACT88321 Datasheet HTML 38Page - Qorvo, Inc ACT88321 Datasheet HTML 39Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 55 page
background image
ACT88321
Advanced PMIC with 3 Bucks, 2 LDOs, and Load Bypass Switches
Datasheet Rev. D , June 17, 2022 | Subject to change without notice
35 of 55
www.qorvo.com
®
Operating Mode – Buck2 and Buck3
By default, Buck2 and Buck3 operate in adaptive con-
stant on time (ACOT) mode at medium to heavy loads.
At light loads, the converters automatically transition to
DCM operation to save power. Buck2 and Buck3 can be
forced into continuous conduction mode, CCM, at light
loads by setting their FCCM bit to 1. When FCCM = 1,
it overrides all other low power settings and forces CCM
mode.
BUCK23 LPM
To further optimize efficiency and reduce power losses
at extremely light loads, an additional lower power mode,
LPM, is available. LPM minimizes quiescent current in
between switching cycles. This LPM mode reduces in-
put current to approximately 40µA at no load. LPM al-
lows the customer to test the IC in their use case and
optimize the balance between power consumption, volt-
age ripple, and transient response in their system.
Buck2 and Buck3’s LPM mode can be controlled inde-
pendently. Setting SAVE_IQQ = 1 enables LPM while
setting SAVE_IQQ = 0 disables LPM.
BUCK23 ULPM
Buck2 and Buck3 have factory level bit (EN_LPM) to al-
low operate in ultra-low power mode, ULPM, that pro-
vides significant efficiency improvements at very light
loads. ULPM mode reduces the buck converters quies-
cent current from 40µA to 12µA. ULPM mode helps sys-
tems like SSDs achieve very low power loss at ex-
tremely light loads, which is a requirement in their
standby modes. ULPM mode regulates the output volt-
age between 101.5% to 104% of the setpoint. When the
output voltage increases to 103%, the buck converter
shuts down to save quiescent current until the output
voltage drops to 101.5%. It then turns back on and in-
creases the output voltage to 104% again. ULPM mode
should only be used when the load current is less than
5mA. With higher load currents, the efficiency is lower
than LPM or normal mode operation.
Synchronous Rectification
Buck1/2/3 each feature integrated synchronous rectifi-
ers (or LS FETs) to maximize efficiency and minimize
the total solution size and cost by eliminating the need
for external rectifiers.
Enable / Disable Control
When power is applied to the IC, all converters automat-
ically turn on according to a pre-programmed sequence.
Once in normal operation (ACTIVE state), each con-
verter can be independently disabled via I2C. Each CMI
version requires a different set of command to disable a
converter, so contact the factory for specific instructions
if needed. Each converter contains an optional inte-
grated discharge resistor that actively discharges the
output capacitor when the regulator is disabled. The dis-
charge function is enabled via the I2C bit Dis_Pulldown.
Soft-Start
Each buck regulator contains a softstart circuit that lim-
its the rate of change of the output voltage, minimizing
input inrush current and ensuring that the outputs power
up monotonically. This circuitry is effective any time the
regulator is enabled, as well as after responding to a
short circuit or other fault condition. The Buck1 softstart
time is adjustable to either 250µs or 500µs via its I2C
SST register. The Buck2/3 softstart time is adjustable to
50µs, 100µs, 250µs, or 500µs via its I2C SST bits.
Output Voltage Setting
Buck1/2/3 regulate to the voltage defined by I2C register
VSET0 in normal operation and by VSET1 in DVS mode.
For Buck1, the output voltage programming range is
0.6V to 3.775V in 25mV steps.
VBUCK1 = 0.6V + VSETx * 0.025V
Where VSETx is the decimal equivalent of the value in
I2C VSETx register. The VSETx registers contain an un-
signed 7-bit binary value.
For Buck2, the output voltage programming range is
0.5V to 1.77V in 10mV steps.
VBUCK2 = 0.5V + VSETx * 0.01V
For Buck3, the output voltage programming range is
0.5V to 3.6V in 100mV steps.
VBUCK3 = 0.5V + VSETx * 0.1V
Qorvo recommends that a buck converter’s output volt-
age be kept within +/- 25% of the default output voltage
to maintain accuracy. Voltage changes larger than +/-
25% may require different factory trim settings (new
CMI) to maintain accuracy.
100% Duty Cycle Operation
Buck1 supports 100% duty cycle operation. This allows
operating conditions where the output voltage is very
close to the input voltage. During 100% duty cycle op-
eration, the P-ch high-side power MOSFET is turned on
continuously, providing a direct connection from the in-
put to the output (through the inductor), ensuring the
lowest possible dropout voltage in battery powered ap-
plications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com