Electronic Components Datasheet Search
  English  ▼

X  

ACT88321 Datasheet(PDF) 24 Page - Qorvo, Inc

Part # ACT88321
Description  Advanced PMIC with 3 Bucks, 2 LDOs, and Load Bypass Switches
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88321 Datasheet(HTML) 24 Page - Qorvo, Inc

Back Button ACT88321 Datasheet HTML 20Page - Qorvo, Inc ACT88321 Datasheet HTML 21Page - Qorvo, Inc ACT88321 Datasheet HTML 22Page - Qorvo, Inc ACT88321 Datasheet HTML 23Page - Qorvo, Inc ACT88321 Datasheet HTML 24Page - Qorvo, Inc ACT88321 Datasheet HTML 25Page - Qorvo, Inc ACT88321 Datasheet HTML 26Page - Qorvo, Inc ACT88321 Datasheet HTML 27Page - Qorvo, Inc ACT88321 Datasheet HTML 28Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 55 page
background image
ACT88321
Advanced PMIC with 3 Bucks, 2 LDOs, and Load Bypass Switches
Datasheet Rev. D , June 17, 2022 | Subject to change without notice
24 of 55
www.qorvo.com
®
important to note any transition to RESET returns all
volatile and non-volatile registers to their default states
POWER SEQUENCE START State
The POWER SEQUENCE START state is a transitional
state while the regulators are starting. The outputs are
enabled and are starting up in this state. The IC imme-
diately transitions to the POWER ON or SLEEP states
when the regulators go into regulation. The ACT88321
fault mask bits ILIM_FLTMSK, ILIM_WARN_FLTMSK,
OV_FLTMSK and UV_FLTMSK default to 1 at startup,
so if one regulator has a fault at startup, all other regu-
lators will turn on. After a successful power up, these
bits are cleared to 0 so that faults are detected. Any
faults after this time result in standard hiccup mode
functionality.
POWER ON (Active) State
The ACTIVE state is the normal operating state when
the input voltage is within the allowable range, all out-
puts are turned on, and no faults are present. The IC
only enters the ACTIVE State from the POWER SE-
QUENCE START State.
SLEEP State
The SLEEP state is a configurable low power state.
Based on the system’s low power operational require-
ments, the user can configure the SLEEP state by de-
fining which internal and external regulators are kept on
or turned off during the SLEEP state. Each individual
regulator output can be programmed to be either on or
off in the SLEEP state. Buck2 can also be programmed
to regulate to its VSET0 voltage, VSET1 voltage (DVS),
or be turned off in the SLEEP state. Note that no other
regulators can be programmed to change between
VSET0 and VSET1 when the IC enters the SLEEP
State. The regulators follow their programmed sequenc-
ing delay times when turning on or off as they exit or
enter the SLEEP state. The IC can enter SLEEP state
via the I2C register SLEEP bit or by a GPIO input. Figure
3 shows how the NVM SLEEP_MODE factory bit sets
the I2C and GPIO requirements to enter and exit the
SLEEP state.
When the I2C bit SLEEP_MODE = 0, the IC enters
SLEEP State with the logical AND of the I2C SLEEP bit
and the GPIOs. If more than one GPIO is configured as
a SLEEP State input, then all the GPIOs must be as-
serted. If no GPIOs are configured to control the SLEEP
State, then only the SLEEP bit controls SLEEP State
entry and exit. The IC immediately exits the SLEEP
State when the SLEEP bit or a GPIO is de-asserted.
When the I2C bit SLEEP_MODE = 1, the IC enters
SLEEP State with the logical OR of the I2C SLEEP bit
and the GPIOs. If no GPIOs are configured to control
the SLEEP state, then only the SLEEP bit controls the
SLEEP State. The IC exits SLEEP State when both I2C
and GPIO are de-asserted.
GPIOx
GPIOx
SLEEP
ENTER the
SLEEP State
GPIOx
GPIOx
SLEEP
SLEEP State Conditions with
SLEEP_MODE = 0
SLEEP State Conditions with
SLEEP_MODE = 1
DPSLP State Conditions with
DPSLP_MODE = 0
ENTER the
SLEEP State
DPSLP State Conditions with
DPSLP_MODE = 1
GPIOx
GPIOx
DPSLP
ENTER the
DPSLP State
GPIOx
GPIOx
DPSLP
ENTER the
DPSLP State
Figure 3. SLEEP and DPSLP State Truth Tables
DPSLP State
The DPSLP State is another low power operating mode
for the operating system. It is intended to be used in a
lower power configuration than the SLEEP state. It is
similar with the SLEEP state, but DPSLP uses slightly
different configurations to enter and exit this mode.
Each output can be programmed to be on or off in the
DPSLP state. Buck2 can also be programed to operate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com