Electronic Components Datasheet Search
  English  ▼

X  

ACT88321 Datasheet(PDF) 25 Page - Qorvo, Inc

Part # ACT88321
Description  Advanced PMIC with 3 Bucks, 2 LDOs, and Load Bypass Switches
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88321 Datasheet(HTML) 25 Page - Qorvo, Inc

Back Button ACT88321 Datasheet HTML 21Page - Qorvo, Inc ACT88321 Datasheet HTML 22Page - Qorvo, Inc ACT88321 Datasheet HTML 23Page - Qorvo, Inc ACT88321 Datasheet HTML 24Page - Qorvo, Inc ACT88321 Datasheet HTML 25Page - Qorvo, Inc ACT88321 Datasheet HTML 26Page - Qorvo, Inc ACT88321 Datasheet HTML 27Page - Qorvo, Inc ACT88321 Datasheet HTML 28Page - Qorvo, Inc ACT88321 Datasheet HTML 29Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 55 page
background image
ACT88321
Advanced PMIC with 3 Bucks, 2 LDOs, and Load Bypass Switches
Datasheet Rev. D , June 17, 2022 | Subject to change without notice
25 of 55
www.qorvo.com
®
at its VSET0 voltage, VSET1 voltage, or be turned off.
Note that no other regulators can be programmed to
change between VSET0 and VSET1 when the IC enters
the SLEEP State. All outputs can be programmed to
have different functionality between the SLEEP and
DPSLP states. The outputs follow their programmed se-
quencing delay times when turning on or off as they en-
ter or exit the DPSLP state. The IC can enter DPSLP
state via the I2C register DPSLP bit or by a GPIOs input.
Figure 3 shows how the NVM DPSLP factory bit sets
the I2C and GPIO requirements to enter and exit the
DPSLP state.
Any GPIO can be configured to control the DPSLP state
without requiring any I2C command. This GPIO hard-
ware function is called PWREN. After the DPSLP state
is enabled via I2C, a high to low transition on the
PWREN input puts the IC in DPSLP state. When the
PWREN input is toggled from low to high, the IC exits
DPSLP state.
The PWREN function can be configured to be either
edge triggered or level triggered. The difference be-
tween these configurations only affects DPSLP Mode at
power up.
Level triggered: If PWREN is low at startup, the IC en-
ters DPSLP immediately after VIN goes above the UV
threshold.
Edge triggered: If PWREN is low at startup, the IC ig-
nores PWREN and starts up normally. PWREN must be
pulled high and then pulled low to enter DPSLP Mode.
If PWREN is high at startup, the IC immediately enters
DPSLP Mode when PWREN is pulled low.
Like
the
SLEEP
state,
an
NVM
factory
bit
DPSLP_MODE sets the logic OR or AND logic between
I2C and GPIOs for entering and exiting the DPSLP state.
When DPSLP_MODE = 0, the IC enters DPSLP State
with the logical AND of the I2C DPSLP bit and the
GPIOs. If more than one GPIO is configured as a
DPSLP State input, then all the GPIOs must be as-
serted. If no GPIOs are configured to control the DPSLP
State, then only the DPSLP bit controls DPSLP State
entry and exit. The IC immediately exits the DPSLP
State when the DPSLP bit or a GPIO is de-asserted.
When the I2C bit DPSLP_MODE = 1, the IC enters
DPSLP State with the logical OR of the I2C DPSLP bit
and the GPIOs. If no GPIOs are configured to control
the DPSLP state, then only the DPSLP bit controls the
DPSLP State. The IC exits DPSLP State when both I2C
and GPIO are de-asserted.
GPIOs can also be programmed to individually turn one
or multiple outputs on and off. This on/off GPIO func-
tionality in addition to the PWREN functionality. It pro-
vides a wide range of configurability for setting different
DPSLP on/off patterns. Note that the GPIOs have four
delay time options for both the rising and falling edges.
These settings are 0ms, 1ms, 2.5ms, and 5ms.
For example, in SSD applications, the host can use
these GPIOs and PWREN to enter different power save
modes like PS3.5 and PS4.
In video applications, the GPIOs can be connected to
sensor inputs to trigger the IC to exit the DPSLP mode
when a sensor input triggers. The GPIO polarity can be
programmed as active HIGH or LOW. GPIOs also have
a programmable 1ms, 5ms, and 10ms deglitch time.
THERMAL State
In the THERMAL state, the IC has exceeded the ther-
mal shutdown temperature. The IC shuts down all reg-
ulators and asserts the nRESET to protect the IC in this
condition. The THERMAL state can be disabled by set-
ting register 0x01h bit 5 (TMSK) = 1. Note that thermal
shutdown fault bit, TWARN, still provides the thermal
status even if TMSK = 1.
OVUVFLT State
If one of the regulators exceed an OV or UV level at any
time after the soft start ramp has completed, the IC
moves to UVOVFLT state. In this state, all regulators
shutdown and the IC asserts the nRESET pin. After en-
tering the OVUVFLT state, the IC stays there for 100ms
and then goes back to the ACTIVE state. If the OV or
UV condition still exists in the ACTIVE state, the IC re-
turns to the OVUVFLT state. The cycle continues until
the OV or UV fault is removed, or the input power is re-
moved. This state can only be enabled by clearing an
output’s OV_FLTMSK or UV_FLTMSK volatile bits to 0
and setting DISOVUVSD(0x09h[0])=0. The IC does not
directly enter OVUVFLT in an overcurrent condition but
does enter this state due to the resulting UV condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com