Electronic Components Datasheet Search
  English  ▼

X  

ACT88321 Datasheet(PDF) 17 Page - Qorvo, Inc

Part # ACT88321
Description  Advanced PMIC with 3 Bucks, 2 LDOs, and Load Bypass Switches
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88321 Datasheet(HTML) 17 Page - Qorvo, Inc

Back Button ACT88321 Datasheet HTML 13Page - Qorvo, Inc ACT88321 Datasheet HTML 14Page - Qorvo, Inc ACT88321 Datasheet HTML 15Page - Qorvo, Inc ACT88321 Datasheet HTML 16Page - Qorvo, Inc ACT88321 Datasheet HTML 17Page - Qorvo, Inc ACT88321 Datasheet HTML 18Page - Qorvo, Inc ACT88321 Datasheet HTML 19Page - Qorvo, Inc ACT88321 Datasheet HTML 20Page - Qorvo, Inc ACT88321 Datasheet HTML 21Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 55 page
background image
ACT88321
Advanced PMIC with 3 Bucks, 2 LDOs, and Load Bypass Switches
Datasheet Rev. D , June 17, 2022 | Subject to change without notice
17 of 55
www.qorvo.com
®
BUCK3 ELECTRICAL CHARACTERISTICS, REGULATORS:
(VIN_B3 = 3.3V, Tj = -40°C to +125°C, unless otherwise specified.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Operating Voltage Range
2.7
5.5
V
Output Voltage Range
Configured for 100mV steps
0.5
3.6
V
Maximum Output Current (Note1)
2
A
Supply Current, Standby
Ultra Low Power Mode Enabled,
Regulator Current Only, No Switching
(VFB_B3 = VSET*1.05)
12
µA
Low Power Mode Enabled,
Regulator Current Only, No Switching
(VFB_B3 = VSET*1.05)
38
µA
Supply Current, Shutdown
Regulator Disabled (Note2)
0.1
1
µA
Regulator Disabled
0.1
4.5
µA
Output Voltage Accuracy – CCM
(Note2)
Default output voltage, IOUT = 1A
-1
VNOM
1
%
Output Voltage Accuracy – CCM
Default output voltage, IOUT = 1A
-2
VNOM
2
%
Output Voltage Accuracy – DCM
(Note2)
Default output voltage, IOUT = 1mA,
Average Ripple Voltage
-1
VNOM+ 3%
1
%
Output Voltage Accuracy – DCM
Default output voltage, IOUT = 1mA,
Average Ripple Voltage
-2
VNOM+ 3%
2
%
Line Regulation
Default output voltage, VIN_B3 = 3.3V to
5.5V, CCM mode
0.05
%/V
Load Regulation
Default output voltage, CCM Mode
0.05
%/A
Power Good Threshold
VOUT_B3 Rising
90
93
96
%VNOM
Power Good Hysteresis
VOUT_B3 Falling
3
%VNOM
Overvoltage Fault Threshold
VOUT_B3 Rising
107
110
113
%VNOM
Overvoltage Fault Hysteresis
VOUT_B3 Falling
3
%VNOM
Emulated Switching Frequency
FSET=00
FSET=01
FSET=10
FSET=11
1.5
2.0
2.5
3.3
MHz
Soft-Start Period – Programmable
Range
10% to 90% VNOM
50
100
250
500
µs
Soft-Start Period
Variation from set point
-40
40
%
Internal High Side Peak Current
Limit (Cycle-by-Cycle) ILIMSET
B3_ILIMSET=0
B3_ILIMSET=1
2.0
3.0
A
Internal High Side Peak Current
Limit (Cycle-by-Cycle) Tolerance
At default ILIMSET
-15
ILIMSET
15
%
At other set points
-20
ILIMSET
20
%
Low Side Peak Current Limit (Cy-
cle-by-Cycle) ILIMSET (Note3)
B3_ILIMSET=0
B3_ILIMSET=1
2.0
3.0
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com