Electronic Components Datasheet Search
  English  ▼

X  

ACT88321 Datasheet(PDF) 38 Page - Qorvo, Inc

Part # ACT88321
Description  Advanced PMIC with 3 Bucks, 2 LDOs, and Load Bypass Switches
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88321 Datasheet(HTML) 38 Page - Qorvo, Inc

Back Button ACT88321 Datasheet HTML 34Page - Qorvo, Inc ACT88321 Datasheet HTML 35Page - Qorvo, Inc ACT88321 Datasheet HTML 36Page - Qorvo, Inc ACT88321 Datasheet HTML 37Page - Qorvo, Inc ACT88321 Datasheet HTML 38Page - Qorvo, Inc ACT88321 Datasheet HTML 39Page - Qorvo, Inc ACT88321 Datasheet HTML 40Page - Qorvo, Inc ACT88321 Datasheet HTML 41Page - Qorvo, Inc ACT88321 Datasheet HTML 42Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 55 page
background image
ACT88321
Advanced PMIC with 3 Bucks, 2 LDOs, and Load Bypass Switches
Datasheet Rev. D , June 17, 2022 | Subject to change without notice
38 of 55
www.qorvo.com
®
capacitor and from the capacitor to PGNDx should as
short and wide as possible.
Inductor Selection
The ACT88321 buck converters are optimized for oper-
ation with 0.47
μH to 1μH inductors. Choose an inductor
with a low DC resistance and avoid inductor saturation
by choosing inductors with DC ratings that exceed the
maximum output current by at least 30%. The following
equation calculates the inductor ripple current.
∆������������������������ =�1−�������������������������������������������������������������������������������������∗������������������������������������������������
������������������������������������∗������������
Where VOUT is the output voltage, VIN is the input volt-
age, FSW is the switching frequency, and L is the induc-
tor value.
Output Capacitor Selection
The ACT88321 is designed to use small, low ESR,
ceramic output capacitors. Buck1/2 typically require a
22µF output capacitor while Buck3 typically requires a
10µF capacitor. To ensure stability, the actual Buck1/2
capacitance must be greater than 12µF while Buck3
must be greater than 6µF. There is no maximum output
capacitance limitation. Design for an output ripple volt-
age less than 1% of the output voltage. The following
equation calculates the output voltage ripple as a func-
tion of output capacitance.
VRIPPLE
= ∆������������������������
8∗������������������������������������∗������������������������������������������������
Where ΔIL is the inductor ripple current, FSW is the
switching frequency, and COUT is the output capacitance
after taking DC bias into account.
Be sure to consider the capacitor’s DC bias effects and
maximum ripple current rating when using capacitors
smaller than 0805.
A capacitor’s actual capacitance is strongly affected
by its DC bias characteristics. The output capacitor is
typically an X5R, X7R, or similar dielectric. Use of Y5U,
Z5U, or similar dielectrics are not recommended due to
their wide variation in capacitance over temperature and
voltage ranges.
Unused Buck Outputs
If a buck converter is not used, connect the VIN_Bx pin
to the other VIN_Bx pins. Connect FB_Bx to AGND.
Leave SWx open. The input and output capacitors are
not needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com