Electronic Components Datasheet Search
  English  ▼

X  

ACT88321 Datasheet(PDF) 16 Page - Qorvo, Inc

Part # ACT88321
Description  Advanced PMIC with 3 Bucks, 2 LDOs, and Load Bypass Switches
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88321 Datasheet(HTML) 16 Page - Qorvo, Inc

Back Button ACT88321 Datasheet HTML 12Page - Qorvo, Inc ACT88321 Datasheet HTML 13Page - Qorvo, Inc ACT88321 Datasheet HTML 14Page - Qorvo, Inc ACT88321 Datasheet HTML 15Page - Qorvo, Inc ACT88321 Datasheet HTML 16Page - Qorvo, Inc ACT88321 Datasheet HTML 17Page - Qorvo, Inc ACT88321 Datasheet HTML 18Page - Qorvo, Inc ACT88321 Datasheet HTML 19Page - Qorvo, Inc ACT88321 Datasheet HTML 20Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 55 page
background image
ACT88321
Advanced PMIC with 3 Bucks, 2 LDOs, and Load Bypass Switches
Datasheet Rev. D , June 17, 2022 | Subject to change without notice
16 of 55
www.qorvo.com
®
Internal High Side Peak Current
Limit (Cycle-by-Cycle) Toler-
ance
At other set points
-20
ILIMSET
20
%
Low Side Peak Current Limit
(Cycle-by-Cycle) ILIMSET
(Note3)
B2_ILIMSET=0
B2_ILIMSET=1
3.8
5.0
A
PMOS On-Resistance
ISW = -500mA, VIN_B2 = 3.3V
50
m
Ω
NMOS On-Resistance
ISW = 500mA, VIN_B2 = 3.3V
22
m
Ω
SW Leakage Current – NMOS
VIN_B2 = 5V, VSW = 5V (Note2)
0.1
1
µA
VIN_B2 = 5V, VSW = 5V
0.1
2
µA
SW Leakage Current – PMOS
VIN_B2 = 5V, VSW = 0V (Note2)
0.1
1.5
µA
VIN_B2 = 5V, VSW = 0V
0.1
6
µA
Dynamic Voltage Scaling Rate
B2_SLEW=00
B2_SLEW=01
B2_SLEW=10
B2_SLEW=11
22.5
11.25
5.625
2.8125
mV/µs
Switching Rise / Fall Times
VIN_B2 = 5V
B2_DRVADJ=00
B2_DRVADJ=01
B2_DRVADJ=10
B2_DRVADJ=11
1.4/1.4
1.2/1.3
1.1/1.2
1.0/1.1
ns
Output Pull Down Resistance
Enabled when regulator disabled
9.40
Ohms
Note1: There is one ball for VIN_B2 and two balls for SW_B2 which is good for 2A and 4A average lifetime rating at 105 deg C junction.
Note2: TA = 25°C
Note3: LSILIM is used for current run-away protection. It is only enabled when the top FET on-time is less than 120ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com