Electronic Components Datasheet Search
  English  ▼

X  

ACT88321 Datasheet(PDF) 23 Page - Qorvo, Inc

Part # ACT88321
Description  Advanced PMIC with 3 Bucks, 2 LDOs, and Load Bypass Switches
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88321 Datasheet(HTML) 23 Page - Qorvo, Inc

Back Button ACT88321 Datasheet HTML 19Page - Qorvo, Inc ACT88321 Datasheet HTML 20Page - Qorvo, Inc ACT88321 Datasheet HTML 21Page - Qorvo, Inc ACT88321 Datasheet HTML 22Page - Qorvo, Inc ACT88321 Datasheet HTML 23Page - Qorvo, Inc ACT88321 Datasheet HTML 24Page - Qorvo, Inc ACT88321 Datasheet HTML 25Page - Qorvo, Inc ACT88321 Datasheet HTML 26Page - Qorvo, Inc ACT88321 Datasheet HTML 27Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 55 page
background image
ACT88321
Advanced PMIC with 3 Bucks, 2 LDOs, and Load Bypass Switches
Datasheet Rev. D , June 17, 2022 | Subject to change without notice
23 of 55
www.qorvo.com
®
SYSTEM CONTROL INFORMATION
General
The ACT88321 is a single-chip integrated power man-
agement solution designed to power many processors.
It integrates three highly efficient buck regulators, and
two LDOs. Its high integration and high switching fre-
quency result in an extremely small footprint and low-
cost power solution. It contains a master controller that
manages startup sequencing, timing, voltages, slew
rates, sleep states, and fault conditions. I2C configura-
bility allows system level changes without the need for
costly PCB changes. The built-in load bypass switch en-
ables full sequencing configurability in 3.3V systems.
The ACT88321 master controller monitors all outputs
and reports faults via I2C and hardwired status signals.
Faults can be masked, and fault levels and responses
are configurable via I2C.
Many of the ACT88321 GPIOs and functions are con-
figurable. The IC’s default functionality is defined by the
default CMI (Code Matrix Index), but much of this func-
tionality can be changed via I2C. The first part of the
datasheet describes basic IC functionality and default
pin functions. The last section of the datasheet provides
the configuration and functionality specific to each CMI
version. Contact sales@qorvo.com for additional infor-
mation about other configurations.
I2C Serial Interface
To ensure compatibility with a wide range of systems,
the ACT88321 uses standard I2C commands. The
ACT88321 always operates as a slave device and is ad-
dressed using a 7-bit slave address followed by an
eighth bit, which indicates whether the transaction is a
read-operation or a write-operation. Refer to each spe-
cific CMI for the IC’s slave address
There is no timeout function in the I2C packet pro-
cessing state machine, however, any time the I2C state
machine receives a start bit command, it immediately
resets the packet processing, even if it is in the middle
of a valid packet.
I2C commands are communicated using the SCL and
SDA pins. SCL is the I2C serial clock input. SDA is the
data input and output. SDA is open drain and must have
a pullup resistor. Signals on these pins must meet tim-
ing requirements in the Electrical Characteristics Table.
Table 1: ACT88321 I2C Addresses
7-Bit Slave Address
8-Bit Write
Address
8-Bit Read
Address
0x25h
010 0101b
0x4Ah
0x4Bh
0x27h
010 0111b
0x4Eh
0x4Fh
0x67h
110 0111b
0xCEh
0xCFh
0x6Bh
110 1011b
0xD6h
0xD7h
I2C Registers
The ACT88321 has an array of internal registers that
contain the IC’s basic instructions for setting up the IC
configuration, output voltages, switching frequency,
fault thresholds, fault masks, etc. These registers give
the IC its operating flexibility. The two types of registers
are described below.
Basic Volatile – These are R/W (Read and Write) and
RO (Read only). After the IC is powered, the user can
modify the R/W register values to change IC functional-
ity. Changes in functionality include things like masking
certain faults. The RO registers communicate IC status
such as fault conditions. Any changes to these registers
are lost when power is recycled. The default values are
fixed and cannot be changed by the factory or the end
user.
Basic Non-Volatile – These are R/W and RO. After the
IC is powered, the user can modify the R/W register val-
ues to change IC functionality. Changes in functionality
include things like output voltage settings, startup delay
time, and current limit thresholds. Any changes to these
registers are lost when power is recycled. The default
values can be modified at the factory to optimize IC
functionality for specific applications. Please contact
Qorvo for custom options and minimum order quantities.
When modifying only certain bits within a register, take
care to not inadvertently change other bits. Inadvert-
ently changing register contents can lead to unexpected
device behavior.
State Machine
The ACT88321 contains an internal state machine with
five internal states.
RESET State
In the RESET, or “cold” state, the ACT88321 is waiting
for the input voltage on AVIN to be within a valid range
defined by the UVLO and VIN_OV thresholds. All vola-
tile registers are reset to defaults and Non-Volatile reg-
isters are reset to programmed defaults. The IC transi-
tions from RESET to POWER SEQUENCE START
when the input voltage enters the valid range. The IC
transitions from any other state to RESET if the input
voltage drops below the UVLO threshold voltage. It is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com