Electronic Components Datasheet Search
  English  ▼

X  

ACT88321 Datasheet(PDF) 9 Page - Qorvo, Inc

Part # ACT88321
Description  Advanced PMIC with 3 Bucks, 2 LDOs, and Load Bypass Switches
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88321 Datasheet(HTML) 9 Page - Qorvo, Inc

Back Button ACT88321 Datasheet HTML 5Page - Qorvo, Inc ACT88321 Datasheet HTML 6Page - Qorvo, Inc ACT88321 Datasheet HTML 7Page - Qorvo, Inc ACT88321 Datasheet HTML 8Page - Qorvo, Inc ACT88321 Datasheet HTML 9Page - Qorvo, Inc ACT88321 Datasheet HTML 10Page - Qorvo, Inc ACT88321 Datasheet HTML 11Page - Qorvo, Inc ACT88321 Datasheet HTML 12Page - Qorvo, Inc ACT88321 Datasheet HTML 13Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 55 page
background image
ACT88321
Advanced PMIC with 3 Bucks, 2 LDOs, and Load Bypass Switches
Datasheet Rev. D , June 17, 2022 | Subject to change without notice
9 of 55
www.qorvo.com
®
SYSTEM CONTROL ELECTRICAL CHARACTERISTICS
(AVIN = 3.3V, Tj = -40°C to +125°C, unless otherwise specified.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Inputs Voltage Range:
VIN_B1 referenced to PGND1
VIN_B2 referenced to PGND2
VIN_B3 referenced to PGND3
2.7
5.5
V
VIN_LDO referenced to AGND
LDO Mode
1.62
5.5
V
NLSW Mode
0.4
Min of
(AVIN-1
or 3.6V)
PLSW Mode
1.62
AVIN
UVLO Threshold Falling (Note 1)
VIN_LVL=0
2.5
2.6
2.7
V
VIN_LVL=1
3.35
3.5
3.65
V
UVLO Hysteresis (Note 1)
VIN_LVL=0
50
100
150
mV
VIN_LVL=1
250
300
350
mV
OV Threshold Rising – VIN_OV (Note 1)
From 3.7V to 5.8V with 0.3V steps. See
details in VIN_OV table
-3.5
SET POINT
3.5
%
OV Hysteresis (Note 1)
100
200
300
mV
POK OV Interrupt Threshold Rising
From 3.5V to 5.6V with 0.3V steps. See
details on POK_OV table
-3.5
SET POINT
3.5
%
POK OV Interrupt Threshold Hysteresis
100
200
300
mV
POK Deglitch Time OV or UV
5
µs
Operating Supply Current
All Regulators Disabled
nSaveIQQ=1
42
µA
All Regulators Disabled
nSaveIQQ=0
10
µA
Operating Supply Current
All Regulators Enabled – No load
260
µA
System Monitor (SYSMON) Programma-
ble Range – Rising Threshold
In 100mV steps
2.7
4.8
V
System Monitor (SYSMON) Accuracy
-3.5
SET POINT
3.5
%
System Warning (SYSWARN) Program-
mable Range – Rising Threshold
In 100mV steps
2.7
5.7
V
System Warning (SYSWARN) Accuracy
In 100mV steps
-3.5
SET POINT
3.5
%
SYSWARN and SYSMON Hysteresis
50
100
150
mV
VIN Deglitch Time UV
Falling, enter UV
5
µs
VIN Deglitch Time UV
Rising, exit UV
100
µs
VIN Deglitch Time OV
Rising, enter OV
5
µs
VIN Deglitch Time OV
Falling, exit OV
200
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com