Electronic Components Datasheet Search
  English  ▼

X  

ACT88321 Datasheet(PDF) 20 Page - Qorvo, Inc

Part # ACT88321
Description  Advanced PMIC with 3 Bucks, 2 LDOs, and Load Bypass Switches
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88321 Datasheet(HTML) 20 Page - Qorvo, Inc

Back Button ACT88321 Datasheet HTML 16Page - Qorvo, Inc ACT88321 Datasheet HTML 17Page - Qorvo, Inc ACT88321 Datasheet HTML 18Page - Qorvo, Inc ACT88321 Datasheet HTML 19Page - Qorvo, Inc ACT88321 Datasheet HTML 20Page - Qorvo, Inc ACT88321 Datasheet HTML 21Page - Qorvo, Inc ACT88321 Datasheet HTML 22Page - Qorvo, Inc ACT88321 Datasheet HTML 23Page - Qorvo, Inc ACT88321 Datasheet HTML 24Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 55 page
background image
ACT88321
Advanced PMIC with 3 Bucks, 2 LDOs, and Load Bypass Switches
Datasheet Rev. D , June 17, 2022 | Subject to change without notice
20 of 55
www.qorvo.com
®
LDO1 ELECTRICAL CHARACTERISTICS – LOAD SWITCH
(VIN_LDO1 = 3.3V, Tj = -40°C to +125°C, unless otherwise specified.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Load Switch Operation Range
NLSW Mode, Input Voltage Range of VIN_LDO
0.4
Mini-
mum of
(AVIN-1
or 3.6V)
V
PLSW Mode, Input Voltage Range of VIN_LDO
1.62
AVIN
V
Load Switch On-Resistance
NLSW Mode, VLDO1_IN = 0.4V ILDO1 = 100mA
55
m
Ω
NLSW Mode, VLDO1_IN = 3.3V ILDO1 = 100mA
310
m
Ω
PLSW Mode, VLDO1_IN = 3.3V ILDO1 = 100mA
380
m
Ω
Load Switch Supply Current
NLSW Mode. Load Switch Enabled. No Load
16
µA
PLSW Mode. Load Switch Enabled. No Load
20
Load Switch Disabled
0
1
Soft-Start Period
NLSW Mode
200
µs
PLSW Mode. Load Switch Uses Current Limit to accomplish
softstart
N/A
Output Current Limit
NLSW Mode: NLSW1_ILIM = 0
NLSW Mode: NLSW1_ILIM = 1
PLSW Mode: LDO1_ILIM = 0
PLSW Mode: LDO1_ILIM = 1
0.49
0.84
0.31
0.39
0.65
1.1
0.33
0.48
mA
Over Voltage Protection Threshold
3.8
V
OV Deglitch Time
10
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com