Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL32IB Datasheet(PDF) 97 Page - Exar Corporation

Part # XRT86VL32IB
Description  T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL32IB Datasheet(HTML) 97 Page - Exar Corporation

Back Button XRT86VL32IB Datasheet HTML 93Page - Exar Corporation XRT86VL32IB Datasheet HTML 94Page - Exar Corporation XRT86VL32IB Datasheet HTML 95Page - Exar Corporation XRT86VL32IB Datasheet HTML 96Page - Exar Corporation XRT86VL32IB Datasheet HTML 97Page - Exar Corporation XRT86VL32IB Datasheet HTML 98Page - Exar Corporation XRT86VL32IB Datasheet HTML 99Page - Exar Corporation XRT86VL32IB Datasheet HTML 100Page - Exar Corporation XRT86VL32IB Datasheet HTML 101Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 153 page
background image
XRT86VL3X
90
REV. 1.2.2
T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
The Alarm Indication Signal Detection Select bits of the Alarm Generation Register (AGR) enable the two types
of AIS detection that are supported by the XRT86VL3x framer. The table below shows configurations of the
Alarm Indication Signal Detection Select bits of the Alarm Generation Register (AGR).
If detection of unframed or framed AIS alarm is enabled by the user and if AIS is present in the incoming DS1
frame, the XRT86VL3x framer can generate a Receive AIS State Change interrupt associated with the setting
of Receive AIS State Change bit of the Alarm and Error Status Register to one.
To enable the Receive AIS State Change interrupt, the Receive AIS State Change Interrupt Enable bit of the
Alarm and Error Interrupt Enable Register (AEIER) have to be set to one. In addition, the Alarm and Error
Interrupt Enable bit of the Block Interrupt Enable Register (BIER) needs to be one.
The table below shows configurations of the Receive AIS State Change Interrupt Enable bit of the Alarm and
Error Interrupt Enable Register (AEIER).
The table below shows configurations of the Alarm and Error Interrupt Enable bit of the Block Interrupt Enable
Register.
When these interrupt enable bits are set and AIS is present in the incoming DS1 frame, the XRT86VL3x framer
will declare AIS by doing the following:
• Set the read-only Receive AIS State bit of the Alarm and Error Status Register (AESR) to one indicating
there is AIS alarm detected in the incoming DS1 frame.
• Set the Receive AIS State Change bit of the Alarm and Error Status Register to one indicating there is a
change in state of AIS. This status indicator is valid until the Framer Interrupt Status Register is read.
Reading this register clears the associated interrupt if Reset-Upon-Read is selected in Interrupt Control
Register (ICR). Otherwise, a write-to-clear operation by the microprocessor is required to reset these status
indicators.
ALARM GENERATION REGISTER (AGR) (ADDRESS = 0XN108H)
BIT
NUMBER
BIT NAME
BIT TYPE
BIT DESCRIPTION
1-0
AIS Detection
Select
R/W
00 - AIS alarm detection is disabled.When this bit is set to 01:Detection of
unframed AIS alarm of all ones pattern is enabled.
10 - AIS alarm detection is disabled.When this bit is set to 00:Detection of
framed AIS alarm of all ones pattern except for framing bits is enabled.
ALARM AND ERROR INTERRUPT ENABLE REGISTER (AEIER) (ADDRESS = 0XNB03H)
BIT
NUMBER
BIT NAME
BIT TYPE
BIT DESCRIPTION
1
Receive AIS State
Change Interrupt
Enable
R/W
0 - The Receive AIS State Change interrupt is disabled.
1 - The Receive AIS State Change interrupt is enabled.
BLOCK INTERRUPT ENABLE REGISTER (BIER) (ADDRESS = 0XNB01H)
BIT
NUMBER
BIT NAME
BIT TYPE
BIT DESCRIPTION
1
Alarm and Error
Interrupt Enable
R/W
0 - Every interrupt generated by the Alarm and Error Interrupt Status Reg-
ister (AEISR) is disabled.
1 - Every interrupt generated by the Alarm and Error Interrupt Status Reg-
ister (AEISR) is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com