Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL32IB Datasheet(PDF) 59 Page - Exar Corporation

Part # XRT86VL32IB
Description  T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL32IB Datasheet(HTML) 59 Page - Exar Corporation

Back Button XRT86VL32IB Datasheet HTML 55Page - Exar Corporation XRT86VL32IB Datasheet HTML 56Page - Exar Corporation XRT86VL32IB Datasheet HTML 57Page - Exar Corporation XRT86VL32IB Datasheet HTML 58Page - Exar Corporation XRT86VL32IB Datasheet HTML 59Page - Exar Corporation XRT86VL32IB Datasheet HTML 60Page - Exar Corporation XRT86VL32IB Datasheet HTML 61Page - Exar Corporation XRT86VL32IB Datasheet HTML 62Page - Exar Corporation XRT86VL32IB Datasheet HTML 63Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 153 page
background image
XRT86VL3X
52
REV. 1.2.2
T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
5.3.2
DMO (Digital Monitor Output)
The driver monitor circuit is used to detect transmit driver failures by monitoring the activities at TTIP/TRING
outputs. Driver failure may be caused by a short circuit in the primary transformer or system problems at the
transmit inputs. If the transmitter of a channel has no output for more than 128 clock cycles, DMO goes "High"
until a valid transmit pulse is detected. If the DMO interrupt is enabled, the change in status of DMO will cause
the interrupt pin to go "Low". Once the status register is read, the interrupt pin will return "High" and the status
register will be reset (RUR).
5.3.3
Transmit Jitter Attenuator
The transmit path has a dedicated jitter attenuator to reduce phase and frequency jitter in the transmit clock.
The jitter attenuator uses a data FIFO (First In First Out) with a programmable depth of 32-bit or 64-bit. When
the Read and Write pointers of the FIFO are within 2-Bits of over-flowing or under-flowing, the bandwidth of the
jitter attenuator is widened to track the short term input jitter, thereby avoiding data corruption. When this
condition occurs, the jitter attenuator will not attenuate input jitter until the Read/Write pointer’s position is
outside the 2-Bit window. In T1 mode, the bandwidth of the JA is always set to 3Hz. In E1 mode, the
bandwidth is programmable to either 10Hz or 1.5Hz (1.5Hz automatically selects the 64-Bit FIFO depth). The
JA has a clock delay equal to ½ of the FIFO bit depth.
NOTE: The Receive Path has a dedicated jitter attenuator. See the Receive Path Line Interface Section.
5.4
Line Termination (TTIP/TRING)
The output stage of the transmit path generates standard return-to-zero (RZ) signals to the line interface for T1/
E1/J1 twisted pair or E1 coaxial cable.
The physical interface is optimized by placing the terminating
impedance inside the LIU. This allows one bill of materials for all modes of operation reducing the number of
external components necessary in system design. The transmitter outputs only require one DC blocking
capacitor of 0.68
μF. For redundancy applications (or simply to tri-state the transmitters), set TxTSEL to a "1" in
the appropriate channel register. A typical transmit interface is shown in Figure 54.
FIGURE 54. TYPICAL CONNECTION DIAGRAM USING INTERNAL TERMINATION
TTIP
TRING
XRT86VL3x LIU
1:2
Internal Impedance
Line Interface T1/E1/J1
C=0.68uF
One Bill of Materials
Transmitter
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com