| Electronic Components Datasheet Search |
|
XRT86VL32IB Datasheet(PDF) 46 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT86VL32IB Datasheet(HTML) 46 Page - Exar Corporation |
|
46 / 153 page ![]() XRT86VL3X 39 T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION REV. 1.2.2 4.2.3 Configure the DS1 Receive Overhead Output Interface module as destination of the Signaling Framing (Fs) bits in N or SLC®96 framing format mode The Fs bits in SLC®96 and N framing format mode can be extracted to: • DS1 Receive Overhead Output Interface Block • DS1 Receive HDLC Controller • DS1 Receive Serial Output Interface. The Receive Data Link Source Select bits of the Receive Data Link Select Register (RDLSR) controls the destination of Fs bits in N or SLC®96 framing format mode. The table below shows configuration of the Receive Data Link Source Select bits of the Receive Data Link Select Register (RDLSR). If the Receive Data Link Source Select bits of the Receive Data Link Select Register are set to 10, the Receive Overhead Output Interface Block outputs Fs bits extracted from the incoming T1 data stream. FIGURE 39. DS1 RECEIVE OVERHEAD OUTPUT INTERFACE MODULE IN ESF FRAMING FORMAT MODE RECEIVE DATA LINK SELECT REGISTER (TDLSR) (ADDRESS = 0XN10AH) BIT NUMBER BIT NAME BIT TYPE BIT DESCRIPTION 1-0 Receive Data Link Source Select R/W 00 - The extracted Facility Data Link bits are stored in either the LAPD con- troller or the SLC®96 buffer. At the same time, the extracted Facility Data Link bits are outputted from the framer through the Receive Serial Data Output Interface via the RxSer_n pins. 01 - The extracted Facility Data Link bits are outputted from the framer through the Receive Serial Data Output Interface via the RxSer_n pins. 10 - The extracted Facility Data Link bits are outputted from the framer through the Receive Overhead Output Interface via the RxOH_n pins. At the same time, the extracted Facility Data Link bits are outputted from the framer through the Receive Serial Data Output Interface via the RxSer_n pins. 11 - The Facility Data Link bits are forced to one by the framer. RxOhClk (2KHz,even) RxOh (2KHz,even) RxOh (4KHz) RxOhClk (2KHz,odd) RxOh (2KHz,odd) Frame# RxSync RxOhClk (4KHz) 12 6 3 45 78 9 1011 12 1314151617 1819 20 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |