Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL32IB Datasheet(PDF) 40 Page - Exar Corporation

Part # XRT86VL32IB
Description  T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL32IB Datasheet(HTML) 40 Page - Exar Corporation

Back Button XRT86VL32IB Datasheet HTML 36Page - Exar Corporation XRT86VL32IB Datasheet HTML 37Page - Exar Corporation XRT86VL32IB Datasheet HTML 38Page - Exar Corporation XRT86VL32IB Datasheet HTML 39Page - Exar Corporation XRT86VL32IB Datasheet HTML 40Page - Exar Corporation XRT86VL32IB Datasheet HTML 41Page - Exar Corporation XRT86VL32IB Datasheet HTML 42Page - Exar Corporation XRT86VL32IB Datasheet HTML 43Page - Exar Corporation XRT86VL32IB Datasheet HTML 44Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 153 page
background image
XRT86VL3X
33
T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
REV. 1.2.2
4.0
OVERHEAD INTERFACE BLOCK
The XRT86VL3x has the ability to extract or insert DS1 data link information from or into the following:
• Facility Data Link (FDL) bits in ESF framing format mode
• Signaling Framing (Fs) bits in SLC®96 and N framing format mode
• Remote Signaling (R) bits in T1DM framing format mode
The source and destination of these inserted and extracted data link bits would be from either the internal
HDLC Controller or the external device accessible through DS1 Overhead Interface Block. The operation of
the Transmit Overhead Input Interface Block and the Receive Overhead Output Interface Block will be
discussed separately.
4.1
DS1 Transmit Overhead Input Interface Block
4.1.1
Description of the DS1 Transmit Overhead Input Interface Block
The DS1 Transmit Overhead Input Interface Block will allow an external device to be the provider of the Facility
Data Link (FDL) bits in ESF framing format mode, Signaling Framing (Fs) bits in the SLC96 and N framing
format mode and Remote Signaling (R) bit in T1DM framing format mode. This interface provides interface
signals and required interface timing to shift in proper data link information at proper time.
The Transmit Overhead Input Interface for a given Framer consists of two signals.
• TxOHClk_n: The Transmit Overhead Input Interface Clock Output signal
• TxOH_n: The Transmit Overhead Input Interface Input signal.
The Transmit Overhead Input Interface Clock Output pin (TxOHCLK_n) generates a rising clock edge for each
data link bit position according to configuration of the framer. The Data Link equipment interfaced to the
Transmit Overhead Input Interface block should update the data link bits on the TxOH_n line upon detection of
the rising edge of TxOHClk_n. The Transmit Overhead Input Interface block will sample and latch the data link
bits on the TxOH_n line on the falling edge of TxOHClk_n. The data link bits will be included and transmitted
via the outgoing DS1 frames.
The figure below shows block diagram of the DS1 Transmit Overhead Input Interface of XRT86VL3x.
4.1.2
Configure the DS1 Transmit Overhead Input Interface module as source of the Facility Data
Link (FDL) bits in ESF framing format mode
The FDL bits in ESF framing format mode can be inserted from:
• DS1 Transmit Overhead Input Interface Block
• DS1 Transmit HDLC Controller
• DS1 Transmit Serial Input Interface.
FIGURE 34. BLOCK DIAGRAM OF THE DS1 TRANSMIT OVERHEAD INPUT INTERFACE OF THE XRT86VL3X
Transmit
Overhead Input
Interface
TxOH_n
TxOHClk_n
To Transmit
Framer Block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com