Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL32IB Datasheet(PDF) 34 Page - Exar Corporation

Part # XRT86VL32IB
Description  T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL32IB Datasheet(HTML) 34 Page - Exar Corporation

Back Button XRT86VL32IB Datasheet HTML 30Page - Exar Corporation XRT86VL32IB Datasheet HTML 31Page - Exar Corporation XRT86VL32IB Datasheet HTML 32Page - Exar Corporation XRT86VL32IB Datasheet HTML 33Page - Exar Corporation XRT86VL32IB Datasheet HTML 34Page - Exar Corporation XRT86VL32IB Datasheet HTML 35Page - Exar Corporation XRT86VL32IB Datasheet HTML 36Page - Exar Corporation XRT86VL32IB Datasheet HTML 37Page - Exar Corporation XRT86VL32IB Datasheet HTML 38Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 153 page
background image
XRT86VL3X
27
T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
REV. 1.2.2
3.8.2
Periodic Performance Report
The ANSI T1.403 standard requires that the status of the transmission quality be reported in one-second
intervals. The one-second timing may be derived from the DS1 signal or from a separate equally accurate
(±32ppm) source. The phase of the one-second periods does not depend on the time of occurrence of any
error event. A total of four seconds of information is transmitted so that recovery operations may be initiated in
case an error corrupts a message. Counts of events shall be accumulated in each contiguous one-second
interval. At the end of each one-second interval, a modulo-4 counter shall be incremented, and the appropriate
performance bits shall be set in bytes 5 and 6 in Format A.
These octets and the octets that carry the
performance bits of the preceding three one-second intervals form the periodic performance report.
The periodic performance report is made up of 14 bytes of data. Bytes 1 to 4, 13, and 14 are the message
header and bytes 5 to 12 contain data regarding the four most-recent one-second intervals. The periodic
performance report message uses the SAPI/TEI value of 0x14.
3.8.3
Transmission-Error Event
Occurrences of transmission-error events indicate the quality of transmission. The occurrences that shall be
detected and reported are:
• CRC Error Event: A CRC-6 error event is the occurrence of a received CRC code that is not identical to the
corresponding locally calculated code.
• Severely Errored Framing Event: A severely-errored-framing event is the occurrence of two or more framing-
bit-pattern errors within a 3-ms period. Contiguous 3-ms intervals shall be examined. The 3-ms period may
coincide with the ESF. The severely-errored-framing event, while similar in form to criteria for declaring a
FIGURE 33. LAPD FRAME STRUCTURE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com