Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL32IB Datasheet(PDF) 41 Page - Exar Corporation

Part # XRT86VL32IB
Description  T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL32IB Datasheet(HTML) 41 Page - Exar Corporation

Back Button XRT86VL32IB Datasheet HTML 37Page - Exar Corporation XRT86VL32IB Datasheet HTML 38Page - Exar Corporation XRT86VL32IB Datasheet HTML 39Page - Exar Corporation XRT86VL32IB Datasheet HTML 40Page - Exar Corporation XRT86VL32IB Datasheet HTML 41Page - Exar Corporation XRT86VL32IB Datasheet HTML 42Page - Exar Corporation XRT86VL32IB Datasheet HTML 43Page - Exar Corporation XRT86VL32IB Datasheet HTML 44Page - Exar Corporation XRT86VL32IB Datasheet HTML 45Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 153 page
background image
XRT86VL3X
34
REV. 1.2.2
T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
The Transmit Data Link Source Select bits of the Transmit Data Link Select Register (TDLSR) controls the
insertion of data link bits into the FDL bits in ESF framing format mode. The table below shows configuration of
the Transmit Data Link Source Select bits of the Transmit Data Link Select Register (TDLSR).
If the Transmit Data Link Source Select bits of the Transmit Data Link Select Register are set to 10, the
Transmit Overhead Input Interface Block becomes input source of the FDL bits.
The XRT86VL3x allows the user to select bandwidth of the Facility Data Link Channel in ESF framing format
mode. The FDL can be either a 4KHz or 2KHz data link channel. The Transmit Data Link Bandwidth Select bits
of the Transmit Data Link Select Register (TDLSR) determine the bandwidth of FDL channel in ESF framing
format mode.
The table below shows configuration of the Transmit Data Link Bandwidth Select bits of the Transmit Data Link
Select Register (TDLSR).)
Figure 35
below shows the timing diagram of the input and output signals associated with the DS1 Transmit
Overhead Input Interface module in ESF framing format mode.
TRANSMIT DATA LINK SELECT REGISTER (TDLSR) (ADDRESS = 0XN10AH)
BIT
NUMBER
BIT NAME
BIT TYPE
BIT DESCRIPTION
1-0
Transmit Data Link
Source Select
R/W
00 - The Facility Data Link bits are inserted into the framer through either
the LAPD controller or the SLC®96 buffer.
01 - The Facility Data Link bits are inserted into the framer through the
Transmit Serial Data input Interface via the TxSer_n pins.
10 - The Facility Data Link bits are inserted into the framer through the
Transmit Overhead Input Interface via the TxOH_n pins.
11 - The Facility Data Link bits are forced to one by the framer.
TRANSMIT DATA LINK SELECT REGISTER (TDLSR) (ADDRESS = 0XN10AH)
BIT
NUMBER
BIT NAME
BIT TYPE
BIT DESCRIPTION
5-4
Transmit Data Link
Bandwidth Select
R/W
00 - The Facility Data Link is a 4KHz channel. All available FDL bits (first
bit of every other frame) are used as data link bits.
01 - The Facility Data Link is a 2KHz channel. Only the odd FDL bits (first
bit of frame 1, 5, 9…) are used as data link bits.
10 - The Facility Data Link is a 2KHz channel. Only the even FDL bits (first
bit of frame 3, 7, 11…) are used as data link bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com